Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4420E/SPSTQP Datasheet (PDF) - Microchip Technology

PIC18F4420E/SPSTQP Datasheet PDF - Microchip Technology
Part # PIC18F4420E/SPSTQP
Download  PIC18F4420E/SPSTQP Download
File Size   7139.4 Kbytes
Page   390 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology

PIC18F4420E/SPSTQP Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC18F4420E/SPSTQP Datasheet PDF - Microchip Technology

Part # PIC18F4420E/SPSTQP
Download  PIC18F4420E/SPSTQP Click to download

File Size   7139.4 Kbytes
Page   390 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology

PIC18F4420E/SPSTQP Datasheet (HTML) - Microchip Technology


PIC18F4420E/SPSTQP Product details

DEVICE OVERVIEW
This document contains device specific information for the following devices:

• PIC18F2420 • PIC18LF2420
• PIC18F2520 • PIC18LF2520
• PIC18F4420 • PIC18LF4420
• PIC18F4520 • PIC18LF4520

This family offers the advantages of all PIC18 micro controllers – namely, high computational performance at an economical price – with the addition of high endurance, Enhanced Flash program memory. On top of these features, the PIC18F2420/2520/4420/4520 family introduces design enhancements that make these microcontrollers a logical choice for many high performance, power sensitive applications.

Power Managed Modes:
• Run: CPU on, peripherals on
• Idle: CPU off, peripherals on
• Sleep: CPU off, peripherals off
• Idle mode currents down to 5.8 µA typical
• Sleep mode current down to 0.1 µA typical
• Timer1 Oscillator: 1.8 µA, 32 kHz, 2V
• Watchdog Timer: 2.1 µA
• Two-Speed Oscillator Start-up

Peripheral Highlights:
• High-current sink/source 25 mA/25 mA
• Three programmable external interrupts
• Four input change interrupts
• Up to 2 Capture/Compare/PWM (CCP) modules, one with Auto-Shutdown (28-pin devices)
• Enhanced Capture/Compare/PWM (ECCP) module (40/44-pin devices only):
  - One, two or four PWM outputs
  - Selectable polarity
  - Programmable dead time
  - Auto-Shutdown and Auto-Restart
• Master Synchronous Serial Port (MSSP) module
supporting 3-wire SPI™ (all 4 modes) and I2C™ Master and Slave Modes
• Enhanced Addressable USART module:
  - Supports RS-485, RS-232 and LIN 1.2
  - RS-232 operation using internal oscillator block (no external crystal required)
  - Auto-Wake-up on Start bit
  - Auto-Baud Detect
• 10-bit, up to 13-channel Analog-to-Digital Converter module (A/D):
 - Auto-acquisition capability
 - Conversion available during Sleep
• Dual analog comparators with input multiplexing)

Flexible Oscillator Structure:
• Four Crystal modes, up to 40 MHz
• 4X Phase Lock Loop (available for crystal and internal oscillators)
• Two External RC modes, up to 4 MHz
• Two External Clock modes, up to 40 MHz
• Internal oscillator block:
  - 8 user selectable frequencies, from 31 kHz to 8 MHz
  - Provides a complete range of clock speeds from 31 kHz to 32 MHz when used with PLL
  - User tunable to compensate for frequency drift
• Secondary oscillator using Timer1 @ 32 kHz
• Fail-Safe Clock Monitor:
  - Allows for safe shutdown if peripheral clock stops

Special Microcontroller Features:
• C compiler optimized architecture:
- Optional extended instruction set designed to optimize re-entrant code
• 100,000 erase/write cycle Enhanced Flash program memory typical
• 1,000,000 erase/write cycle Data EEPROM memory typical
• Flash/Data EEPROM Retention: 100 years typical
• Self-programmable under software control
• Priority levels for interrupts
• 8 x 8 Single-Cycle Hardware Multiplier
• Extended Watchdog Timer (WDT):
- Programmable period from 4 ms to 131s
• Single-supply 5V In-Circuit Serial Programming™ (ICSP™) via two pins
• In-Circuit Debug (ICD) via two pins
• Wide operating voltage range: 2.0V to 5.5V
• Programmable 16-level High/Low-Voltage

Detection (HLVD) module:
  - Supports interrupt on High/Low-Voltage Detection
• Programmable Brown-out Reset (BOR
  - With software enable option




Similar Part No. - PIC18F4420E/SPSTQP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F4420 MICROCHIP-PIC18F4420 Datasheet
283Kb / 16P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2005
PIC18F4420 MICROCHIP-PIC18F4420 Datasheet
6Mb / 412P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2008
PIC18F4420-E/ML MICROCHIP-PIC18F4420-E/ML Datasheet
6Mb / 412P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2008
PIC18F4420-E/P MICROCHIP-PIC18F4420-E/P Datasheet
6Mb / 412P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2008
PIC18F4420-E/PT MICROCHIP-PIC18F4420-E/PT Datasheet
6Mb / 412P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2008
More results


Similar Description - PIC18F4420E/SPSTQP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F2525 MICROCHIP-PIC18F2525 Datasheet
6Mb / 390P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18F2420 MICROCHIP-PIC18F2420_05 Datasheet
283Kb / 16P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2005
PIC18F4321 MICROCHIP-PIC18F4321 Datasheet
6Mb / 396P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
PIC18F2420 MICROCHIP-PIC18F2420_08 Datasheet
6Mb / 412P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2008
PIC18F2525 MICROCHIP-PIC18F2525_08 Datasheet
6Mb / 412P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18LF4620-I MICROCHIP-PIC18LF4620-I Datasheet
6Mb / 412P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18F2620-ISO MICROCHIP-PIC18F2620-ISO Datasheet
6Mb / 412P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18LF4520-IPT MICROCHIP-PIC18LF4520-IPT Datasheet
6Mb / 412P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18F4525-I MICROCHIP-PIC18F4525-I Datasheet
6Mb / 412P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18F4525-I MICROCHIP-PIC18F4525-I Datasheet
4Mb / 412P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com