Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MW6S010 Datasheet (PDF) - Freescale Semiconductor, Inc

MW6S010 Datasheet PDF - Freescale Semiconductor, Inc
Part # MW6S010
Download  MW6S010 Download
File Size   542.96 Kbytes
Page   16 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description RF Power Field Effect Transistor

MW6S010 Datasheet (PDF)

Go To PDF Page Download Datasheet
MW6S010 Datasheet PDF - Freescale Semiconductor, Inc

Part # MW6S010
Download  MW6S010 Click to download

File Size   542.96 Kbytes
Page   16 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description RF Power Field Effect Transistor

MW6S010 Datasheet (HTML) - Freescale Semiconductor, Inc


MW6S010 Product details

450-1500 MHz, 10 W, 28 V LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs

Designed for Class A or Class AB base station applications with frequencies up to 1500 MHz. Suitable for analog and digital modulation and multicarrier amplifier applications.

• Typical Two-Tone Performance @ 960 MHz, VDD = 28 Volts, IDQ = 125 mA, Pout = 10 Watts PEP
   Power Gain — 18 dB
   Drain Efficiency — 32%
   IMD — -37 dBc
• Capable of Handling 10:1 VSWR, @ 28 Vdc, 960 MHz, 10 Watts CW Output Power
• Characterized with Series Equivalent Large-Signal Impedance Parameters
• On-Chip RF Feedback for Broadband Stability
• Qualified Up to a Maximum of 32 VDD Operation
• Integrated ESD Protection
• N Suffix Indicates Lead-Free Terminations
• 200°C Capable Plastic Package
• In Tape and Reel. R1 Suffix = 500 Units per 24 mm, 13 inch Reel.

CASE 1265-08, STYLE 1 TO-270-2 PLASTIC MW6S010NR1(MR1)

CASE 1265A-02, STYLE 1 TO-270-2 GULL PLASTIC MW6S010GNR1(GMR1)




Similar Part No. - MW6S010

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MW6S010GNR1 FREESCALE-MW6S010GNR1 Datasheet
726Kb / 20P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs
MW6S010GNR1 FREESCALE-MW6S010GNR1 Datasheet
730Kb / 20P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
logo
NXP Semiconductors
MW6S010GNR1 NXP-MW6S010GNR1 Datasheet
802Kb / 20P
RF Power Field Effect Transistors
Rev. 5, 6/2009
MW6S010N NXP-MW6S010N Datasheet
802Kb / 20P
RF Power Field Effect Transistors
Rev. 5, 6/2009
logo
Freescale Semiconductor...
MW6S010NR1 FREESCALE-MW6S010NR1 Datasheet
726Kb / 20P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs
More results


Similar Description - MW6S010

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
RF Power Field Effect Transistor
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
RF Power Field Effect Transistor
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
RF Power Field Effect Transistor
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
RF POWER FIELD-EFFECT TRANSISTOR
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
RF FIELD-EFFECT POWER TRANSISTOR
logo
Freescale Semiconductor...
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
RF Power Field-Effect Transistor
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com