Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WPM2080 Datasheet (PDF) - Will Semiconductor Ltd.

WPM2080 Datasheet PDF - Will Semiconductor Ltd.
Part # WPM2080
Download  WPM2080 Download
File Size   1074.95 Kbytes
Page   8 Pages
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.
Description Single P-Channel, -20V, -4.0A, Power MOSFET

WPM2080 Datasheet (PDF)

Go To PDF Page Download Datasheet
WPM2080 Datasheet PDF - Will Semiconductor Ltd.

Part # WPM2080
Download  WPM2080 Click to download

File Size   1074.95 Kbytes
Page   8 Pages
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.
Description Single P-Channel, -20V, -4.0A, Power MOSFET

WPM2080 Datasheet (HTML) - Will Semiconductor Ltd.




Similar Part No. - WPM2080

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WPM2081 WILLSEMI-WPM2081 Datasheet
1Mb / 8P
Single P-Channel, -20V, -3.2A, Power MOSFET
WPM2081-3/TR WILLSEMI-WPM2081-3/TR Datasheet
1Mb / 8P
Single P-Channel, -20V, -3.2A, Power MOSFET
WPM2083 WILLSEMI-WPM2083 Datasheet
1Mb / 8P
Single P-Channel, -20V, -2.4A, Power MOSFET
WPM2083-3/TR WILLSEMI-WPM2083-3/TR Datasheet
1Mb / 8P
Single P-Channel, -20V, -2.4A, Power MOSFET
WPM2087 WILLSEMI-WPM2087 Datasheet
1Mb / 7P
Single P-Channel, -20V, -4.3A, Power MOSFET
More results


Similar Description - WPM2080

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WPM2015 WILLSEMI-WPM2015 Datasheet
813Kb / 8P
Single P-Channel, -20V, -2.4A, Power MOSFET
WPM2019 WILLSEMI-WPM2019 Datasheet
635Kb / 6P
Single P-Channel, -20V, -0.73A, Power MOSFET
WPM2026 WILLSEMI-WPM2026 Datasheet
859Kb / 7P
Single P-Channel, -20V, -3.2A, Power MOSFET
WPM2049B WILLSEMI-WPM2049B Datasheet
489Kb / 7P
Single P-Channel, -20V, -0.51A, Power MOSFET
WPM2083 WILLSEMI-WPM2083 Datasheet
1Mb / 8P
Single P-Channel, -20V, -2.4A, Power MOSFET
WPM2092 WILLSEMI-WPM2092 Datasheet
1Mb / 9P
Single P-Channel, -20V, -0.74A, Power MOSFET
WPM6205 WILLSEMI-WPM6205 Datasheet
869Kb / 7P
Single P-Channel, -20V, -4.8A, Power MOSFET
WNMD2166 WILLSEMI-WNMD2166 Datasheet
1Mb / 8P
Dual N-Channel, 20V, 4.0A, Power MOSFET
logo
KIA Semiconductor Techn...
3415 KIA-3415 Datasheet
122Kb / 5P
-4.0A竊?20V P-CHANNEL MOSFET
logo
Unisonic Technologies
UT3415 UTC-UT3415 Datasheet
636Kb / 9P
-4.0A, -20V P-CHANNEL POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com