Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

G911T84B Datasheet (PDF) - Global Mixed-mode Technology Inc

G911T84B Datasheet PDF - Global Mixed-mode Technology Inc
Part # G911T84B
Download  G911T84B Download
File Size   228.59 Kbytes
Page   9 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 3.3V 400mA/250mA Low Dropout Regulator

G911T84B Datasheet (PDF)

Go To PDF Page Download Datasheet
G911T84B Datasheet PDF - Global Mixed-mode Technology Inc

Part # G911T84B
Download  G911T84B Click to download

File Size   228.59 Kbytes
Page   9 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 3.3V 400mA/250mA Low Dropout Regulator

G911T84B Datasheet (HTML) - Global Mixed-mode Technology Inc


G911T84B Product details

General Description

The G910/G911 positive 3.3V voltage regulator features the ability to source 600mA/250mA+ of output current with a dropout voltage of typically 0.65V/0.25V. A low quiescent current is provided. The typical quiescent current is 0.3mA.



Features

 Dropout voltage typically 0.65V/0.25V @ IO=600mA/ 250mA+

 Output current in excess of 600mA/250mA+

 Output voltage accuracy ±2%

 Quiescent current, typically 0.3mA

„  Internal short circuit current limit

„  Internal over temperature protection




Similar Part No. - G911T84B

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G911T84B GMT-G911T84B Datasheet
408Kb / 10P
3.3V 600mA/250mA Low Dropout Regulator
G911T84BF GMT-G911T84BF Datasheet
408Kb / 10P
3.3V 600mA/250mA Low Dropout Regulator
More results


Similar Description - G911T84B

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954 Datasheet
170Kb / 12P
250mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
250mA Low Dropout Voltage Regulator
logo
Monolithic Power System...
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
Low Dropout 250mA Linear Regulator
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
Low Dropout 250mA Linear Regulator
logo
Global Mixed-mode Techn...
G910 GMT-G910_06 Datasheet
408Kb / 10P
3.3V 600mA/250mA Low Dropout Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954_07 Datasheet
525Kb / 15P
250mA Low-Dropout Regulator
logo
Texas Instruments
REG102-25 TI1-REG102-25 Datasheet
961Kb / 25P
250mA Low-Dropout Regulator
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
400mA Low-Dropout Regulator
logo
Global Mixed-mode Techn...
G910 GMT-G910_15 Datasheet
86Kb / 1P
3.3V 600mA/250mA Low Dropout Regulator
G911 GMT-G911_15 Datasheet
86Kb / 1P
3.3V 600mA/250mA Low Dropout Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com