Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCR100-8 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

MCR100-8 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # MCR100-8
Download  MCR100-8 Download
File Size   417.78 Kbytes
Page   2 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description Silicon Controlled Rectifiers

MCR100-8 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCR100-8 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # MCR100-8
Download  MCR100-8 Click to download

File Size   417.78 Kbytes
Page   2 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description Silicon Controlled Rectifiers

MCR100-8 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


MCR100-8 Product details

■ Features
● Current-IGT : 200 μA
● ITRMS : 0.8 A.
● VRRM/ VDRM : MCR100-6: 400 V
                             MCR100-6R: 400 V
                             MCR100-8: 600 V
                             MCR100-8R: 600 V
● Operating and storage junction temperature range
● TJ, Tstg : -55℃ to +150℃
  




Similar Part No. - MCR100-8

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCR100-8 MOTOROLA-MCR100-8 Datasheet
81Kb / 4P
Silicon Controlled Rectifiers(Reverse Blocking Triode Thyristors)
logo
Unisonic Technologies
MCR100-8 UTC-MCR100-8 Datasheet
15Kb / 2P
PLASTIC SILICON CONTROLLED RECTIFIERS(PNPN devices designed for high volume)
logo
Semtech Corporation
MCR100-8 SEMTECH-MCR100-8 Datasheet
233Kb / 3P
SCR
logo
TRANSYS Electronics Lim...
MCR100-8 TEL-MCR100-8 Datasheet
177Kb / 1P
Silicon Controlled Rectifier
logo
SemiWell Semiconductor
MCR100-8 SEMIWELL-MCR100-8 Datasheet
649Kb / 5P
Sensitive Gate Silicon Controlled Rectifiers
More results


Similar Description - MCR100-8

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
Silicon Controlled Rectifiers
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
SILICON CONTROLLED RECTIFIERS
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
SILICON CONTROLLED RECTIFIERS
logo
SemiWell Semiconductor
SCP25C60 SEMIWELL-SCP25C60 Datasheet
636Kb / 5P
Silicon Controlled Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com