Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T89C51SND1 Datasheet (PDF) - ATMEL Corporation

T89C51SND1 Datasheet PDF - ATMEL Corporation
Part # T89C51SND1
Download  T89C51SND1 Download
File Size   868.75 Kbytes
Page   60 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Single Chip Microcontroller with MP3 Decoder and Man Machine Interface

T89C51SND1 Datasheet (PDF)

Go To PDF Page Download Datasheet
T89C51SND1 Datasheet PDF - ATMEL Corporation

Part # T89C51SND1
Download  T89C51SND1 Click to download

File Size   868.75 Kbytes
Page   60 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Single Chip Microcontroller with MP3 Decoder and Man Machine Interface

T89C51SND1 Datasheet (HTML) - ATMEL Corporation


T89C51SND1 Product details

Description
The T8xC51SND1 product is a fully integrated stand-alone hardwired MPEGI/II-Layer 3 decoder with a C51 microcontroller core handling data flow and MP3-player control.
The T89C51SND1 includes 64 Kbytes of FLASH memory and allows In System Programming through an embedded 4 Kbytes of Boot FLASH Memory.
The T83C51SND1 includes 64 Kbytes of ROM memory.
The T8xC51SND1 includes 2304 bytes of RAM memory.
The T8xC51SND1 provides all necessary features for man machine interface like timers, keyboard port, serial or parallel interface (USB, 2-wire, SPI, IDE), ADC input, I2S output, and all external memory interface (NAND or NOR FLASH, SmartMedia, MultiMedia).

Features
• MPEGI/II-Layer 3 Hardwired Decoder
   – Stand-alone MP3 decoder
   – 48, 44.1, 32, 24, 22.05, 16 KHz sampling freq.
   – Separated digital volume control on left and right channels (software control using 31 steps)
   – Bass, medium, and Treble Control (31 steps)
   – Bass Boost sound effect.
   – Ancillary data extraction
   – “CRC Error” and “MPEG Frame Synchronization” indicators
• Programmable Audio Output for interfacing with common audio DAC available on the market
   – PCM format compatible
   – I2S format compatible
• 8-bit MCU C51 core based (FMAX= 20 MHz)
• 2304 bytes of Internal RAM
• 64 Kbytes of Code Memory
   – FLASH: T89C51SND1, ROM: T83C51SND1
• 4 Kbytes of Boot Flash Memory (T89C51SND1)
   – ISP: download from USB or UART to any external memory cards
• USB Rev 1.1 controller
   – “Full speed” data transmission
• Built-in PLL
   – MP3 Audio clocks
   – USB clock
• MultiMediaCard Interface Compatibility
• Atmel DataFlash SPI Interface Compatibility
• IDE/ATAPI Interface
• 2 Channels 10-bit ADC, 8KHz (8 true bit)
   – Battery voltage Monitoring
   – Voice recording controlled by software
• Up to 44 bits of General Purpose I/Os for:
   – 4-bit interrupt keyboard port for a 4 x n matrix
   – Smartmedia software interface
• Standard Two 16-bit Timers/Counters
• Hardware Watchdog Timer
• Standard Full Duplex UART with Baud Rate Generator
• 2-wire Master and Slave Modes Controller
• SPI Master and Slave Modes Controller
• Power Management
   – Power-On reset
   – Software programmable MCU clock
   – Idle mode, Power-Down mode
• Operating conditions:
   – 3V, ±10%, 25 mA typical operating at 25°C
   – -40°C to +85°C
• Packages
   – TQFP80, PLCC84 (development board)
   – Dice

Typical Applications
• MP3-Player
• PDA, Camera, Mobile Phone MP3
• Car Audio/Multimedia MP3
• Home Audio/Multimedia MP3




Similar Part No. - T89C51SND1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C5115 ATMEL-T89C5115 Datasheet
1Mb / 105P
Low Pin Count 8-bit MCU with A/D Converter and 16-Kbytes of Flash Memory
T89C5115 ATMEL-T89C5115 Datasheet
1Mb / 113P
Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
T89C5115 ATMEL-T89C5115 Datasheet
1Mb / 113P
Low Pin Count 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
T89C5115-RATIM ATMEL-T89C5115-RATIM Datasheet
1Mb / 105P
Low Pin Count 8-bit MCU with A/D Converter and 16-Kbytes of Flash Memory
T89C5115-RATIM ATMEL-T89C5115-RATIM Datasheet
1Mb / 113P
Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
More results


Similar Description - T89C51SND1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C51SND1C ATMEL-AT83C51SND1C Datasheet
791Kb / 47P
Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
DOC4106 ATMEL-DOC4106 Datasheet
791Kb / 47P
Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
AT89C51SND2C ATMEL-AT89C51SND2C Datasheet
1Mb / 236P
Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
AT83SND2C ATMEL-AT83SND2C_06 Datasheet
2Mb / 241P
Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
AT83SND1C ATMEL-AT83SND1C Datasheet
458Kb / 42P
Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
AT83SND1C ATMEL-AT83SND1C_06 Datasheet
2Mb / 212P
Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
AT83SND2CMP3_0605 ATMEL-AT83SND2CMP3_0605 Datasheet
871Kb / 97P
Single-Chip MP3 Decoder with Full Audio Interface
AT83SND2C ATMEL-AT83SND2C_05 Datasheet
2Mb / 235P
Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
AT83C51SND1C ATMEL-AT83C51SND1C_03 Datasheet
1Mb / 210P
Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
logo
Silan Microelectronics ...
SC9822P SILAN-SC9822P Datasheet
588Kb / 30P
MP3 DECODER WITH ESP FUNCTION AND CD INTERFACE
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com