Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SX3X Datasheet (PDF) - Nantong Hornby Electronic Co.,Ltd

SX3X Datasheet PDF - Nantong Hornby Electronic Co.,Ltd
Part # SX3X
Download  SX3X Download
File Size   372.92 Kbytes
Page   3 Pages
Manufacturer  HORNBY [Nantong Hornby Electronic Co.,Ltd]
Direct Link  http://www.hornby.com.cn
Logo HORNBY - Nantong Hornby Electronic Co.,Ltd
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SX3X Datasheet (PDF)

Go To PDF Page Download Datasheet
SX3X Datasheet PDF - Nantong Hornby Electronic Co.,Ltd

Part # SX3X
Download  SX3X Click to download

File Size   372.92 Kbytes
Page   3 Pages
Manufacturer  HORNBY [Nantong Hornby Electronic Co.,Ltd]
Direct Link  http://www.hornby.com.cn
Logo HORNBY - Nantong Hornby Electronic Co.,Ltd
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SX3X Datasheet (HTML) - Nantong Hornby Electronic Co.,Ltd


SX3X Product details

REVERSE VOLTAGE: 20 to 100 VOLTS
FORWARD CURRENT: 3.0 AMPERE

FEATURES
• Plastic package has Underwriters Laboratory
   Flammability Classification 94V-O
• For surface mounted applications
• High current capacity
• Built-in strain relief
• Low profile package
• Metal to silicon rectifier. majority carrier conduction
• High surge capacity
• Low power loss, high efficiency
• For use in low voltage high frequency inverters, free
   wheeling, and polarity protection applications
• High temperature soldering : 250°C /10 seconds at terminals

MECHANICAL DATA
   Case: Molded plastic, DO-214AC(SMA)
   Terminals: Axial leads, solderable per MIL-STD-750,
      method 2026 guaranteed
   Polarity: Color band denotes cathode end
   Packaging: 12mm tape per EIA STD RS-481
   Weight: 0.002 ounce, 0.064 gram




Similar Part No. - SX3X

ManufacturerPart #DatasheetDescription
logo
Nantong Hornby Electron...
SX3XLF HORNBY-SX3XLF Datasheet
212Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SX3X

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com