Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP62S16256FV-55LLIF Datasheet (PDF) - AMIC Technology

LP62S16256FV-55LLIF Datasheet PDF - AMIC Technology
Part # LP62S16256FV-55LLIF
Download  LP62S16256FV-55LLIF Download
File Size   208.24 Kbytes
Page   14 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 256K X 16 BIT LOW VOLTAGE CMOS SRAM

LP62S16256FV-55LLIF Datasheet (PDF)

Go To PDF Page Download Datasheet
LP62S16256FV-55LLIF Datasheet PDF - AMIC Technology

Part # LP62S16256FV-55LLIF
Download  LP62S16256FV-55LLIF Click to download

File Size   208.24 Kbytes
Page   14 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 256K X 16 BIT LOW VOLTAGE CMOS SRAM

LP62S16256FV-55LLIF Datasheet (HTML) - AMIC Technology


LP62S16256FV-55LLIF Product details

General Description
The LP62S16256F-I is a low operating current 4,194,304-bit static random access memory organized as 262,144 words by 16 bits and operates on low power voltage from 2.7V to 3.6V. It is built using AMICs high performance CMOS process.

Features
■ Operating voltage: 2.7V to 3.6V
■ Access times: 55ns / 70ns (max.)
■ Current:
    Very low power version: Operating: 40mA (max.)
                                              Standby: 10µA (max.)
■ Full static operation, no clock or refreshing required
■ All inputs and outputs are directly TTL-compatible
■ Common I/O using three-state output
■ Data retention voltage: 2.0V (min.)
■ Available in 44-pin TSOP and 48-ball CSP (6 × 8mm) packages




Similar Part No. - LP62S16256FV-55LLIF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S16256FV-70LLT AMICC-LP62S16256FV-70LLT Datasheet
159Kb / 14P
256K X 16 BIT LOW VOLTAGE CMOS SRAM
More results


Similar Description - LP62S16256FV-55LLIF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A62S8316 AMICC-A62S8316 Datasheet
142Kb / 15P
256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16256E-T AMICC-LP62E16256E-T Datasheet
164Kb / 15P
256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256E-I AMICC-LP62S16256E-I Datasheet
167Kb / 15P
256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256E-T AMICC-LP62S16256E-T Datasheet
167Kb / 15P
256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256F-T AMICC-LP62S16256F-T Datasheet
159Kb / 14P
256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16256E-T AMICC-LP62E16256E-T_15 Datasheet
193Kb / 14P
256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256F-I AMICC-LP62S16256F-I_15 Datasheet
176Kb / 14P
256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256F-T AMICC-LP62S16256F-T_15 Datasheet
213Kb / 14P
256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256G-I AMICC-LP62S16256G-I Datasheet
176Kb / 14P
256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256G-T AMICC-LP62S16256G-T Datasheet
176Kb / 14P
256K X 16 BIT LOW VOLTAGE CMOS SRAM
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com