Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSK5115-00TU Datasheet (PDF) - M.S. Kennedy Corporation

MSK5115-00TU Datasheet PDF - M.S. Kennedy Corporation
Part # MSK5115-00TU
Download  MSK5115-00TU Download
File Size   326.31 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS

MSK5115-00TU Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK5115-00TU Datasheet PDF - M.S. Kennedy Corporation

Part # MSK5115-00TU
Download  MSK5115-00TU Click to download

File Size   326.31 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS

MSK5115-00TU Datasheet (HTML) - M.S. Kennedy Corporation


MSK5115-00TU Product details

DESCRIPTION:
The MSK 5115 series voltage regulators are available in +3.3V, +5.0V, +12.0V or adjustable output configurations. All boast ultra low dropout specifications due to the utilization of a super PNP output pass transistor with monolithic technology. Dropout voltages of 350mV at 1.5 amps are typical in this configuration, which drives efficiency up and power dissipation down. Accuracy is guaranteed with a 1% maximum output voltage tolerance. The series also offers a TTL/CMOS compatible on/off enable function as well as an output flag pin. The MSK 5115 series is packaged in a space efficient 5 pin power SIP available in two styles with three lead bend options.

FEATURES:
• Electrically Isolated Top Tab or Z Tab SIP
• Extremely Low Dropout Voltage: 350mV @ 1.5 Amps
• Available in 3.3V, 5.0V, 12.0V and Adjustable Versions
• Open Collector Error Flag Output
• TTL Level Enable Pin: Zero Current Shutdown Mode
• Reverse Battery and Load Dump Protection
• Low Ground Current: 22mA Typical at Full Load
• 1% Maximum Guaranteed Accuracy
• Output Current to 1.5 Amps

TYPICAL APPLICATIONS
• High Efficiency, High Current Linear Regulators
• Constant Voltage/Current Regulators
• System Power Supplies
• Switching Power Supply Post Regulators
• Battery Powered Equipment




Similar Part No. - MSK5115-00TU

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5115-00 ANAREN-MSK5115-00 Datasheet
828Kb / 7P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5115-00BZD ANAREN-MSK5115-00BZD Datasheet
828Kb / 7P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5115-00BZS ANAREN-MSK5115-00BZS Datasheet
828Kb / 7P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5115-00BZU ANAREN-MSK5115-00BZU Datasheet
828Kb / 7P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5115-00 MSK-MSK5115-00_15 Datasheet
389Kb / 5P
Electrically Isolated Top Tab or Z Tab SIP
More results


Similar Description - MSK5115-00TU

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5130 MSK-MSK5130 Datasheet
240Kb / 5P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5100-3.3B MSK-MSK5100-3.3B Datasheet
299Kb / 5P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5101-3.3H MSK-MSK5101-3.3H Datasheet
289Kb / 5P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5116-3.3HTU MSK-MSK5116-3.3HTU Datasheet
277Kb / 5P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5131-3.3HTU MSK-MSK5131-3.3HTU Datasheet
271Kb / 5P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5101 ANAREN-MSK5101 Datasheet
537Kb / 6P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5102 ANAREN-MSK5102 Datasheet
375Kb / 6P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5115-00 ANAREN-MSK5115-00 Datasheet
828Kb / 7P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5116 ANAREN-MSK5116 Datasheet
748Kb / 7P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5130 ANAREN-MSK5130 Datasheet
748Kb / 7P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com