Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1329A Datasheet (PDF) - Belden Inc.

1329A Datasheet PDF - Belden Inc.
Part # 1329A
Download  1329A Download
File Size   256.59 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description ISA/SP-50 FOUNDATION Fieldbus or PROFIBUS, (8 pr) 18 AWG (7x26) TC, PO/PVC, IS/OS, CMG, CMX, PLTC-ER

1329A Datasheet (PDF)

Go To PDF Page Download Datasheet
1329A Datasheet PDF - Belden Inc.

Part # 1329A
Download  1329A Click to download

File Size   256.59 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description ISA/SP-50 FOUNDATION Fieldbus or PROFIBUS, (8 pr) 18 AWG (7x26) TC, PO/PVC, IS/OS, CMG, CMX, PLTC-ER

1329A Datasheet (HTML) - Belden Inc.




Similar Part No. - 1329A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1329 ETC2-1329 Datasheet
357Kb / 3P
Wide-Vue Style Analog Panel Meters
logo
Yantel Corporation
1329 YANTEL-1329 Datasheet
79Kb / 2P
Variable RF Inductor
logo
Adafruit Industries
1329 ADAFRUIT-1329 Datasheet
129Kb / 3P
2.1mm DC Barrel Plug to Alligator Clips
10/5/2015
logo
Festo Corporation.
13290 FESTO-13290 Datasheet
93Kb / 1P
Clamping module
12/7/22
logo
Azumo, Inc.
13290-03 AZUMO-13290-03 Datasheet
32Mb / 1P
2.7” Reflective LCD 2.0TM
12/20/2023
More results


Similar Description - 1329A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1327A BELDEN-1327A Datasheet
256Kb / 3P
Fieldbus, 2 Pr #18 Str TC, PO Ins, IS/OS, PVC Jkt, CMG
1328A BELDEN-1328A Datasheet
257Kb / 3P
Fieldbus, 5 Pr #18 Str TC, PO Ins, IS/OS, PVC Jkt, CMG
1330A BELDEN-1330A Datasheet
258Kb / 3P
Fieldbus, 12 Pr #18 Str TC, PO Ins, IS/OS, PVC Jkt, CMG
1331A BELDEN-1331A Datasheet
257Kb / 3P
Fieldbus, 16 Pr #18 Str TC, PO Ins, IS/OS, PVC Jkt, CMG
1332A BELDEN-1332A Datasheet
258Kb / 3P
Fieldbus, 20 Pr #18 Str TC, PO Ins, IS/OS, PVC Jkt, CMG
1333A BELDEN-1333A Datasheet
258Kb / 3P
Fieldbus, 24 Pr #18 Str TC, PO Ins, IS/OS, PVC Jkt, CMG
1340A BELDEN-1340A Datasheet
262Kb / 3P
Fieldbus, 8 Pr #18 Str TC, PO Ins, IS/OS, PVC Jkt, 600V TC-ER
1359A BELDEN-1359A Datasheet
260Kb / 4P
Fieldbus, 50 Pr #18 Str TC, PO Ins, IS/OS, PVC Jkt, CMG
1363A BELDEN-1363A Datasheet
255Kb / 3P
Fieldbus, 8 Pr #16 Str TC, PO Ins, IS/OS, PVC Jkt, CMG
3076T BELDEN-3076T Datasheet
167Kb / 2P
Fieldbus, 1 Pr #18 Str TC, PP Ins, OS, LSZH Jkt, CMG ISA/SP-50 Type A,PLTC, ITC, CMG
12-22-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com