Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QOB3000 Datasheet (PDF) - Schneider Electric

QOB3000 Datasheet PDF - Schneider Electric
Part # QOB3000
Download  QOB3000 Download
File Size   145.64 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini Switch, QO, 100 A, 3P, 240 V, 10 kA, Bolt on

QOB3000 Datasheet (PDF)

Go To PDF Page Download Datasheet
QOB3000 Datasheet PDF - Schneider Electric

Part # QOB3000
Download  QOB3000 Click to download

File Size   145.64 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini Switch, QO, 100 A, 3P, 240 V, 10 kA, Bolt on

QOB3000 Datasheet (HTML) - Schneider Electric




Similar Part No. - QOB3000

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB300 SCHNEIDER-QOB300 Datasheet
152Kb / 3P
Mini Switch, QO, 60 A, 3P, 240 V, 10 kA, Bolt on
Dec 6, 2019
More results


Similar Description - QOB3000

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB300 SCHNEIDER-QOB300 Datasheet
152Kb / 3P
Mini Switch, QO, 60 A, 3P, 240 V, 10 kA, Bolt on
Dec 6, 2019
QOB31005273 SCHNEIDER-QOB31005273 Datasheet
148Kb / 2P
Mini CB, QO, 100 A, 3P, 120/240 V, 10 kA, Bolt on
Dec 4, 2019
QOB31005274 SCHNEIDER-QOB31005274 Datasheet
153Kb / 2P
Mini CB, QO, 100 A, 3P, 120/240 V, 10 kA, Bolt on
Dec 6, 2019
QOB2000 SCHNEIDER-QOB2000 Datasheet
129Kb / 3P
Mini Switch, QO, 100 A, 2P, 240 V, 10 kA, Bolt on
QOB3100FT SCHNEIDER-QOB3100FT Datasheet
121Kb / 2P
Mini CB, QO, 100 A, 3P, 120/240 V, 10 kA, Bolt on, FT
QOB3100Z SCHNEIDER-QOB3100Z Datasheet
57Kb / 2P
Mini CB, QO, 100 A, 3P, 120/240 V, 10 kA, Bolt on
QOB3102100 SCHNEIDER-QOB3102100 Datasheet
58Kb / 2P
Mini CB, QO, 10 A, 3P, 120/240 V, 10 kA, Bolt on, Alarm Switch
Feb 19, 2020
QOB31001032 SCHNEIDER-QOB31001032 Datasheet
143Kb / 2P
Mini CB, QO, 100 A, 3P, 120/240 V, 10 kA, Bolt on
QOB31002100 SCHNEIDER-QOB31002100 Datasheet
57Kb / 2P
Mini CB, QO, 100 A, 3P, 120/240 V, 10 kA, Bolt on, Alarm Switch
QOB31005275 SCHNEIDER-QOB31005275 Datasheet
137Kb / 2P
Mini CB, QO, 100 A, 3P, 120/240 V, 10 kA, Bolt on
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com