Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2122030001 Datasheet (PDF) - Molex Electronics Ltd.

2122030001 Datasheet PDF - Molex Electronics Ltd.
Part # 2122030001
Download  2122030001 Download
File Size   41.11 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description GPS L1/L5 25.00mm Stacked Patch Antenna

2122030001 Datasheet (PDF)

Go To PDF Page Download Datasheet
2122030001 Datasheet PDF - Molex Electronics Ltd.

Part # 2122030001
Download  2122030001 Click to download

File Size   41.11 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description GPS L1/L5 25.00mm Stacked Patch Antenna

2122030001 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 2122030001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2122 ETC2-2122 Datasheet
311Kb / 1P
MALE/FEMALE THREADED STANDOFFS
2122 ETC2-2122 Datasheet
110Kb / 2P
HEX MALE/FEMALE STANDOFFS
logo
Keystone Electronics Co...
2122 KEYSTONE-2122 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
Mascot AS
2122 MASCOT-2122 Datasheet
1Mb / 1P
Mounting brackets
20062008
logo
RAF ELECTRONIC HARDWARE
2122-632-AL RAF-2122-632-AL Datasheet
96Kb / 1P
1/4 HEX FEMALE STANDOFFS
More results


Similar Description - 2122030001

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
L145 PULSE-L145 Datasheet
2Mb / 4P
GPS L1 Band & GLONASS Ceramic Patch Antenna
logo
Taoglas antenna solutio...
GPDF478A02 TAOGLAS-GPDF478A02 Datasheet
1Mb / 19P
Embedded 47.5*47.5*8mm GPS L1/L2 Low Profile Stacked Patch Antenna
FXP612070095A TAOGLAS-FXP612070095A Datasheet
850Kb / 14P
FXP612 Flexible Polymer GPS L1 / GPS L2 / GPS L5 / GALILEO / GLONASS G1 / BEIDOU Antenna
GPSF.36.7.A.30 TAOGLAS-GPSF.36.7.A.30 Datasheet
666Kb / 13P
GPS L1/L2 36mm Single Feed Stacked Patch Passive Antenna Low AR
logo
Molex Electronics Ltd.
2116240001 MOLEX-2116240001 Datasheet
39Kb / 1P
GPS L1/L5 and Glonass 36.00mm Stacked Patch Single Feed Antenna
2136020001 MOLEX-2136020001 Datasheet
39Kb / 1P
GPS L1/L2 and Glonass 36.00mm Stacked Patch Single Feed Antenna
logo
Maxtena Inc.
MPA-258-L1-L5 MAXTENA-MPA-258-L1-L5 Datasheet
1Mb / 3P
GPS L1 L5 MICROSTRIP ANTENNA
REV A
logo
AVX Corporation
1005620 AVX-1005620 Datasheet
776Kb / 5P
GPS L1 & L5 Ceramic Patch Antenna
5/12/2022
1005621 AVX-1005621 Datasheet
684Kb / 5P
GPS L1 & L5 Ceramic PatchAntenna
9/12/2022 Rev. 0
M830120 AVX-M830120 Datasheet
982Kb / 9P
GNSS or GPS L1/L2/L5/L6 Ceramic Antenna
3/31/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com