Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX5077 Datasheet (PDF) - Maxim Integrated Products

MAX5077 Datasheet PDF - Maxim Integrated Products
Part # MAX5077
Download  MAX5077 Download
File Size   235.36 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Push-Pull FET Driver with Integrated Oscillator and Programmable Clock Output

MAX5077 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5077 Datasheet PDF - Maxim Integrated Products

Part # MAX5077
Download  MAX5077 Click to download

File Size   235.36 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Push-Pull FET Driver with Integrated Oscillator and Programmable Clock Output

MAX5077 Datasheet (HTML) - Maxim Integrated Products


MAX5077 Product details

General Description
The MAX5077 is a +4.5V to +15V push-pull, current-fed topology driver subsystem with an integrated oscillator used in telecom module power supplies. The device drives two MOSFETs connected to a center-tapped transformer primary providing secondary-side, isolated, negative or positive voltages. The MAX5077 features a programmable accurate integrated oscillator with a synchronizing clock output to synchronize an external PWM regulator. A single external resistor programs the internal oscillator frequency from 50kHz to 1.5MHz.

Features
♦ Dedicated Current-Fed, Push-Pull Driver Subsystem
♦ Oscillator Frequency Programmable from 50kHz to 1.5MHz
♦ Single +4.5V to +15V Supply Voltage Range
♦ ±3A Peak Gate-Drive Current
♦ 1mA Operating Current at 250kHz with No Capacitive Load
♦ Selectable Synchronizing Clock Frequency for a Preceding PWM Stage
♦ Thermally Enhanced 14-Pin TSSOP
♦ -40°C to +125°C Operating Temperature Range




Similar Part No. - MAX5077

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5077AUD MAXIM-MAX5077AUD Datasheet
235Kb / 9P
Push-Pull FET Driver with Integrated Oscillator and Programmable Clock Output
2007
MAX5077 MAXIM-MAX5077_V01 Datasheet
235Kb / 9P
Push-Pull FET Driver with Integrated Oscillator and Programmable Clock Output
2007
More results


Similar Description - MAX5077

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1749 NTE-NTE1749 Datasheet
25Kb / 3P
Integrated Circuit Push-Pull Four Channel Driver
logo
Maxim Integrated Produc...
MAX5075 MAXIM-MAX5075 Datasheet
234Kb / 8P
Push-Pull FET Driver with Integrated Oscillator and Clock Output
Rev 0; 5/05
logo
Intersil Corporation
EL6208 INTERSIL-EL6208 Datasheet
724Kb / 10P
Dual Push-Pull Laser Driver Oscillator
July 23, 2003
logo
Maxim Integrated Produc...
MAX5075 MAXIM-MAX5075_07 Datasheet
223Kb / 8P
Push-Pull FET Driver with Integrated Oscillator and Clock Output
Rev 1; 5/07
logo
Intersil Corporation
EL6208 INTERSIL-EL6208_07 Datasheet
233Kb / 11P
Dual Push-Pull Laser Driver Oscillator
August 10, 2007
logo
Texas Instruments
LMV7235 TI1-LMV7235 Datasheet
1Mb / 30P
Open-Drain and Push-Pull Output
logo
Maxim Integrated Produc...
DS1810 MAXIM-DS1810 Datasheet
122Kb / 5P
5V EconoReset with Push-Pull Output
041002
DS1815 MAXIM-DS1815 Datasheet
121Kb / 5P
3.3V EconoReset with Push-Pull Output
041002
MAX5077 MAXIM-MAX5077_V01 Datasheet
235Kb / 9P
Push-Pull FET Driver with Integrated Oscillator and Programmable Clock Output
2007
logo
Renesas Technology Corp
EL6208 RENESAS-EL6208 Datasheet
638Kb / 11P
Dual Push-Pull Laser Driver Oscillator
August 10, 2007
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com