Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC78LC33HT1 Datasheet (PDF) - ON Semiconductor

MC78LC33HT1 Datasheet PDF - ON Semiconductor
Part # MC78LC33HT1
Download  MC78LC33HT1 Download
File Size   104.69 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS

MC78LC33HT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC78LC33HT1 Datasheet PDF - ON Semiconductor

Part # MC78LC33HT1
Download  MC78LC33HT1 Click to download

File Size   104.69 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS

MC78LC33HT1 Datasheet (HTML) - ON Semiconductor


MC78LC33HT1 Product details

The MC78LC00 series of fixed output low dropout linear regulators are designed for handheld communication equipment and portable battery powered applications which require low quiescent current. The MC78LC00 series features an ultra−low quiescent current of 1.1 A. Each device contains a voltage reference unit, an error amplifier, a PMOS power transistor, and resistors for setting output voltage.

Features
• Low Quiescent Current of 1.1 μA Typical
• Excellent Line and Load Regulation
• Maximum Operating Voltage of 12 V
• Low Output Voltage Option
• High Accuracy Output Voltage of 2.5%
• Industrial Temperature Range of −40°C to 85°C
• Two Surface Mount Packages (SOT−89, 3 Pin, or SOT−23, 5 Pin)
• Pb−Free Packages are Available

Typical Applications
• Battery Powered Instruments
• Hand−Held Instruments
• Camcorders and Cameras




Similar Part No. - MC78LC33HT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78LC33HT1 MOTOROLA-MC78LC33HT1 Datasheet
117Kb / 8P
MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
logo
ON Semiconductor
MC78LC33HT1 ONSEMI-MC78LC33HT1 Datasheet
100Kb / 12P
Micropower Voltage Regulator
January, 2006 ??Rev. 9
MC78LC33HT1G ONSEMI-MC78LC33HT1G Datasheet
100Kb / 12P
Micropower Voltage Regulator
January, 2006 ??Rev. 9
MC78LC33HT1G ONSEMI-MC78LC33HT1G Datasheet
148Kb / 12P
Micropower Voltage Regulator
January, 2009 ??Rev. 10
MC78LC33HT1G ONSEMI-MC78LC33HT1G Datasheet
100Kb / 12P
Micropower Voltage Regulator
August, 2016 ??Rev. 11
More results


Similar Description - MC78LC33HT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78FC00 MOTOROLA-MC78FC00 Datasheet
90Kb / 4P
MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS
MC78LC00 MOTOROLA-MC78LC00 Datasheet
117Kb / 8P
MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
logo
ON Semiconductor
MC78FC00 ONSEMI-MC78FC00 Datasheet
84Kb / 4P
MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS
April, 2001 ??Rev. 2
logo
Texas Instruments
TPS76615 TI-TPS76615 Datasheet
266Kb / 18P
ULTRA LOW QUIESCENT CURRENT 250-mA LOW-DROPOUT VOLTAGE REGULATORS
logo
Linear Technology
LT1521 LINER-LT1521 Datasheet
294Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Dimensions Semic...
LT1521CS8-3-PBF LINEAR_DIMENSIONS-LT1521CS8-3-PBF Datasheet
210Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Technology
LT1521 LINER-LT1521_15 Datasheet
210Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521-3 LINER-LT1521-3_15 Datasheet
210Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-3.3 LINER-LT1529-3.3_15 Datasheet
155Kb / 12P
3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-5 LINER-LT1529-5_15 Datasheet
155Kb / 12P
3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com