Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CT4BK18-M Datasheet (PDF) - 3M Electronics

CT4BK18-M Datasheet PDF - 3M Electronics
Part # CT4BK18-M
Download  CT4BK18-M Download
File Size   113.28 Kbytes
Page   5 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Cable Ties

CT4BK18-M Datasheet (PDF)

Go To PDF Page Download Datasheet
CT4BK18-M Datasheet PDF - 3M Electronics

Part # CT4BK18-M
Download  CT4BK18-M Click to download

File Size   113.28 Kbytes
Page   5 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Cable Ties

CT4BK18-M Datasheet (HTML) - 3M Electronics


CT4BK18-M Product details

Description
3M™ Cable Ties are molded from 6/6 nylon and are available in a variety of sizes and styles, including weather resistant black for outdoor use. Agency Approvals & Self Certifications Products which are UL Listed as noted in the Typical Data section meet UL Standard 62275 for Cable Management Systems, TYPE 21 or TYPE 21S, and are suitable for use in Air Handling Spaces (plenums) in accordance with Section 300.22 of the National Electric Code. Products which are identified as UL Listed and manufactured with a black, UV resistant material are Listed as suitable for use outdoors. The Heavy Duty(175 lb.) cable ties are UL Listed 181B-C mechanical fasteners for use with flexible air ducts. UL. File # E116841 For RoHS and REACH information, please visit www.3M.com/regs

Applications
■ 3M™ Cable Ties are used to secure wire bundles and harness components quickly. The flexible design allows the user to slip ties easily under and around cables and harnesses. These ties can be used with most standard tensioning/cutoff tools for fast production line fastening. Specifications Open Specifications All ties must be UL. Listed, TYPE 21 or TYPE 21S, and tested to UL. Standard 62275 for Cable Management Systems. Closed Specifications Product must be 3M cable ties, UL. Listed, TYPE 21 or TYPE 21S, and tested to UL. Standard 62275 for Cable Management Systems. Cable Tie Mounting Bases 3M™ Cable Tie Bases are molded from 6/6 nylon or ABS and available in natural, weather resistant black or ivory material. They are also available in different sizes and mounting abilities. The self-adhesive style is for simple lightweight mounting of wire bundles while the saddle design screw mount is designed for maximum weight and stability.




Similar Part No. - CT4BK18-M

ManufacturerPart #DatasheetDescription
logo
3M Electronics
CT4BK18-M 3M-CT4BK18-M Datasheet
48Kb / 4P
Cable Ties
April 2012
More results


Similar Description - CT4BK18-M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
481-0102UV ETC2-481-0102UV Datasheet
115Kb / 2P
Nylon Cable Ties
481-0300 ETC2-481-0300 Datasheet
106Kb / 2P
Releasable Cable Ties
481-0500 ETC2-481-0500 Datasheet
118Kb / 2P
Identification Cable Ties
logo
OEN India Limited
04-0550RLX OENINDIA-04-0550RLX Datasheet
49Kb / 1P
Releasable Nylon Cable Ties
04-CW07-50 OENINDIA-04-CW07-50 Datasheet
385Kb / 1P
Cold Weather Cable Ties
logo
HellermannTyton.
151-16500 HELLERMANNTYTON-151-16500 Datasheet
173Kb / 3P
Cable Ties and Fixings
10/2017
LPH175 HELLERMANNTYTON-LPH175 Datasheet
165Kb / 3P
Cable Ties and Fixings Cable Ties Outside Serrated
logo
PANDUIT CORP.
ESV10-ESV14-Q PANDUIT-ESV10-ESV14-Q Datasheet
2Mb / 12P
Terminals & Cable Ties
1/2018
logo
Heyco.
12864B HEYCO-12864B Datasheet
91Kb / 1P
Stainless Steel Cable Ties
logo
HellermannTyton.
111-02110 HELLERMANNTYTON-111-02110 Datasheet
205Kb / 4P
Cable Ties and Fixings Cable Ties Inside Serrated
10/2017
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com