Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

04820 Datasheet (PDF) - Vicor Corporation

04820 Datasheet PDF - Vicor Corporation
Part # 04820
Download  04820 Download
File Size   7.79 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description CAPACITOR, X7R 470pF -10%, 500V

04820 Datasheet (PDF)

Go To PDF Page Download Datasheet
04820 Datasheet PDF - Vicor Corporation

Part # 04820
Download  04820 Click to download

File Size   7.79 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description CAPACITOR, X7R 470pF -10%, 500V

04820 Datasheet (HTML) - Vicor Corporation




Similar Part No. - 04820

ManufacturerPart #DatasheetDescription
logo
Littelfuse
048200010ZXB LITTELFUSE-048200010ZXB Datasheet
67Kb / 2P
Blade Terminal & Special Purpose Fuses
048200010ZXBF LITTELFUSE-048200010ZXBF Datasheet
67Kb / 2P
Blade Terminal & Special Purpose Fuses
048200010ZXP LITTELFUSE-048200010ZXP Datasheet
67Kb / 2P
Blade Terminal & Special Purpose Fuses
048200010ZXPF LITTELFUSE-048200010ZXPF Datasheet
67Kb / 2P
Blade Terminal & Special Purpose Fuses
048200011ZXB LITTELFUSE-048200011ZXB Datasheet
67Kb / 2P
Blade Terminal & Special Purpose Fuses
More results


Similar Description - 04820

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
28054 VICOR-28054 Datasheet
39Kb / 1P
CAPACITOR, X7R .01uF -10%, 500V
logo
Murata Manufacturing Co...
GCM1555C1H471J MURATA-GCM1555C1H471J Datasheet
55Kb / 1P
Chip Monolithic Ceramic Capacitor 0402 C0G 470pF 50V
GRM21BR70J106K MURATA-GRM21BR70J106K Datasheet
65Kb / 1P
Chip Monolithic Ceramic Capacitor 0805 X7R 10關F 6.3V
GRM21BR71A106K MURATA-GRM21BR71A106K Datasheet
61Kb / 1P
Chip Monolithic Ceramic Capacitor 0805 X7R 10關F 10V
GRM1555C1H471J MURATA-GRM1555C1H471J Datasheet
58Kb / 1P
Chip Monolithic Ceramic Capacitor 0402 C0G 470pF 50V
logo
Kemet Corporation
C1210V104KCRACTU KEMET-C1210V104KCRACTU Datasheet
71Kb / 1P
Capacitor, Ceramic, SMD, MLCC, Arcshield, High Voltage, Temp Stable, 0.1 uF, /-10% Tol, 500V, X7R, 1210 (3225 metric)
C410C104K1R5TA KEMET-C410C104K1R5TA Datasheet
58Kb / 1P
Capacitor, Ceramic, 0.1 uF, /-10% Tol, 100 V, X7R
C410C105K3R5TA KEMET-C410C105K3R5TA Datasheet
59Kb / 1P
Capacitor, Ceramic, 1 uF, /-10% Tol, 25 V, X7R
C410C474K5R5TA KEMET-C410C474K5R5TA Datasheet
59Kb / 1P
Capacitor, Ceramic, 0.47 uF, /-10% Tol, 50 V, X7R
C430C475K3R5TA KEMET-C430C475K3R5TA Datasheet
59Kb / 1P
Capacitor, Ceramic, 4.7 uF, /-10% Tol, 25 V, X7R
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com