Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VI-HAM-IM Datasheet (PDF) - Vicor Corporation

VI-HAM-IM Datasheet PDF - Vicor Corporation
Part # VI-HAM-IM
Download  VI-HAM-IM Download
File Size   223.42 Kbytes
Page   6 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description Harmonic Attenuator Modules

VI-HAM-IM Datasheet (PDF)

Go To PDF Page Download Datasheet
VI-HAM-IM Datasheet PDF - Vicor Corporation

Part # VI-HAM-IM
Download  VI-HAM-IM Click to download

File Size   223.42 Kbytes
Page   6 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description Harmonic Attenuator Modules

VI-HAM-IM Datasheet (HTML) - Vicor Corporation


VI-HAM-IM Product details

Unity Power Factor

Conventional capacitive-input front ends draw energy from the AC line in short bursts of current at the peaks of the line voltage waveform. These current bursts are characterized by high peak currents and high harmonic content. The effect of the distorted line current can be appreciated by measuring the rms line current drawn by a conventional front end: the product of the measured rms current and the rms line voltage — the "apparent power" being delivered by the line — will be significantly greater (typically 1.6X) than the DC power delivered by the front end. The "extra" rms current at the input is circulating harmonic currents which deliver no power to the load but which flow in the delivery system and contribute to losses. Only the fundamental component of the line current contributes to "real" power flow. Power factor — the ratio of "real" to "apparent" power — is a measure of the effectiveness with which an AC load can extract usable power from an AC source.

Features
■ Unity Power Factor
■ Safety Agency Approvals: UL, CSA, TÜV, BABT
■ Meets IEC 6100-3-2 for Line Current Harmonic Content
■ Reduces Peak and RMS Line Currents
■ Universal Input: 85-264Vac: 50/60 Hz
■ Up to 600W of Power
■ Power Density Up to100W/in3
■ Adaptive Output Voltage Control
■ Short-Circuit Protection
■ Input Surge Current Limiting
■ Converter Enable
■ Power OK Output
■ Size: 4.6" x 2.4" x 0.5" (116,8mm x 61,0mm x 12,7mm)
■ Efficiency: 90-94% Typical
■ CE Marked




Similar Part No. - VI-HAM-IM

ManufacturerPart #DatasheetDescription
logo
Powerbox
VI-HAM-IM POWERBOX-VI-HAM-IM Datasheet
707Kb / 1P
AC INPUT HARMONIC ATTENUATOR MODULE
More results


Similar Description - VI-HAM-IM

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MI-IAM VICOR-MI-IAM Datasheet
202Kb / 2P
Military Input Attenuator Modules
MI-RAM VICOR-MI-RAM Datasheet
209Kb / 1P
Military Ripple Attenuator Modules
VI-HAM VICOR-VI-HAM Datasheet
162Kb / 6P
Harmonic Attenuator Modules
VI-IAM VICOR-VI-IAM Datasheet
76Kb / 2P
Input Attenuator Modules
VI-RAM VICOR-VI-RAM Datasheet
102Kb / 2P
Ripple Attenuator Modules
logo
Powerbox
VI-HAM POWERBOX-VI-HAM Datasheet
707Kb / 1P
AC INPUT HARMONIC ATTENUATOR MODULE
logo
List of Unclassifed Man...
LEA50F ETC2-LEA50F Datasheet
156Kb / 3P
Harmonic attenuator, PFC (Complies with IEC61000-3-2)
UAF500S-48 ETC2-UAF500S-48 Datasheet
169Kb / 3P
Harmonic attenuator, PFC (Complies with IEC61000-3-2)
logo
JMK Inc.
LL-1355-13BHT JMK-LL-1355-13BHT Datasheet
43Kb / 1P
The LL-1355-13BHT filter has been designed to operate with two VICOR Harmonic Attenuator Modules (HAM).
logo
CRYSTEK CORPORATION
CRBV55CL-0373-0391 CRYSTEKMICROWAVE-CRBV55CL-0373-0391 Datasheet
191Kb / 2P
Harmonic Suppression (2nd Harmonic)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com