Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HE12FD Datasheet (PDF) - Semikron International

HE12FD Datasheet PDF - Semikron International
Part # HE12FD
Download  HE12FD Download
File Size   158.09 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description High efficiency fast silicon rectifier diode

HE12FD Datasheet (PDF)

Go To PDF Page Download Datasheet
HE12FD Datasheet PDF - Semikron International

Part # HE12FD
Download  HE12FD Click to download

File Size   158.09 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description High efficiency fast silicon rectifier diode

HE12FD Datasheet (HTML) - Semikron International


HE12FD Product details

High efficiency fast silicon rectifier diode

Forward Current: 12 A
Reverse Voltage: 50 to 400 V

Features
• Max. solder temperature: 260°C
• Plastic material has UL classification 94V-0




Similar Part No. - HE12FD

ManufacturerPart #DatasheetDescription
logo
Semikron International
HE12FD SEMIKRON-HE12FD Datasheet
161Kb / 2P
High efficiency fast silicon rectifier diode
HE12FD SEMIKRON-HE12FD Datasheet
163Kb / 2P
High efficiency fast silicon rectifier diode
HE12FD SEMIKRON-HE12FD Datasheet
345Kb / 2P
High efficiency fast silicon rectifier diode
More results


Similar Description - HE12FD

ManufacturerPart #DatasheetDescription
logo
Semikron International
HE12F120 SEMIKRON-HE12F120 Datasheet
114Kb / 2P
High efficiency fast silicon rectifier diode
HE12FA SEMIKRON-HE12FA_07 Datasheet
161Kb / 2P
High efficiency fast silicon rectifier diode
HE6SF200 SEMIKRON-HE6SF200_07 Datasheet
116Kb / 2P
High efficiency super fast silicon rectifier diode
HE12F120 SEMIKRON-HE12F120_07 Datasheet
118Kb / 2P
High efficiency fast silicon rectifier diode
HE12FA SEMIKRON-HE12FA_08 Datasheet
163Kb / 2P
High efficiency fast silicon rectifier diode
HE12FA SEMIKRON-HE12FA_10 Datasheet
345Kb / 2P
High efficiency fast silicon rectifier diode
HE15FATL SEMIKRON-HE15FATL Datasheet
285Kb / 2P
High efficiency fast silicon rectifier diode
HE20FA SEMIKRON-HE20FA Datasheet
404Kb / 2P
High efficiency fast silicon rectifier diode
HE25FA SEMIKRON-HE25FA Datasheet
409Kb / 2P
High efficiency fast silicon rectifier diode
HE25FATL SEMIKRON-HE25FATL Datasheet
284Kb / 2P
High efficiency fast silicon rectifier diode
More results




About Semikron International


Semikron International GmbH is a German manufacturer of power electronics components, including diodes, thyristors, and power modules.

The company was founded in 1951 and has since become a leading supplier of power electronics solutions for applications in industries such as renewable energy, industrial automation, and electric vehicles, among others.

Semikron has a global presence with subsidiaries and sales offices in many countries around the world.

The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the power electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com