Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B40C5000-3300 Datasheet (PDF) - Semikron International

B40C5000-3300 Datasheet PDF - Semikron International
Part # B40C5000-3300
Download  B40C5000-3300 Download
File Size   184.31 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Silicon-Bridge Rectifiers

B40C5000-3300 Datasheet (PDF)

Go To PDF Page Download Datasheet
B40C5000-3300 Datasheet PDF - Semikron International

Part # B40C5000-3300
Download  B40C5000-3300 Click to download

File Size   184.31 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Silicon-Bridge Rectifiers

B40C5000-3300 Datasheet (HTML) - Semikron International


B40C5000-3300 Product details

Silicon-Bridge Rectifiers

Forward Current: 5 / 3,3 A
Reverse Voltage: 80 to 1000 V

Features
• max. solder temperature 260°C, max. 5s
• UL recognized, file no. E63532
• Standard packaging: bulk




Similar Part No. - B40C5000-3300

ManufacturerPart #DatasheetDescription
logo
Semikron International
B40C5000-3300 SEMIKRON-B40C5000-3300 Datasheet
188Kb / 2P
Silicon-Bridge Rectifiers
logo
DIOTEC Electronics Corp...
B40C5000-3300 DEC-B40C5000-3300 Datasheet
129Kb / 2P
Silicon-Bridge Rectifiers
logo
Diotec Semiconductor
B40C5000-3300A DIOTEC-B40C5000-3300A Datasheet
108Kb / 2P
Silicon-Bridge-Rectifiers
B40C5000-3300A DIOTEC-B40C5000-3300A Datasheet
161Kb / 2P
Single Phase Bridge Rectifier
logo
Semikron International
B40C5000-3300 SEMIKRON-B40C5000-3300_06 Datasheet
188Kb / 2P
Silicon-Bridge Rectifiers
More results


Similar Description - B40C5000-3300

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results




About Semikron International


Semikron International GmbH is a German manufacturer of power electronics components, including diodes, thyristors, and power modules.

The company was founded in 1951 and has since become a leading supplier of power electronics solutions for applications in industries such as renewable energy, industrial automation, and electric vehicles, among others.

Semikron has a global presence with subsidiaries and sales offices in many countries around the world.

The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the power electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com