Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPCH1040LR68 Datasheet (PDF) - Kemet Corporation

MPCH1040LR68 Datasheet PDF - Kemet Corporation
Part # MPCH1040LR68
Download  MPCH1040LR68 Download
File Size   253.58 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description KEMET, MPCH, Power, 0.68 uH, 20%, 1040(4340)

MPCH1040LR68 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPCH1040LR68 Datasheet PDF - Kemet Corporation

Part # MPCH1040LR68
Download  MPCH1040LR68 Click to download

File Size   253.58 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description KEMET, MPCH, Power, 0.68 uH, 20%, 1040(4340)

MPCH1040LR68 Datasheet (HTML) - Kemet Corporation




Similar Part No. - MPCH1040LR68

ManufacturerPart #DatasheetDescription
logo
NEC
MPCH1040LR36 NEC-MPCH1040LR36 Datasheet
1Mb / 2P
Large-Current Power Inductor MPCH Series
logo
Kemet Corporation
MPCH1040LR36 KEMET-MPCH1040LR36 Datasheet
69Kb / 1P
Power, MPCH, 360 nH, 20%
More results


Similar Description - MPCH1040LR68

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
MPX1D0530L100 KEMET-MPX1D0530L100 Datasheet
74Kb / 1P
KEMET, MPX, Power, 10 uH, 20%
MPX1D0530L150 KEMET-MPX1D0530L150 Datasheet
74Kb / 1P
KEMET, MPX, Power, 15 uH, 20%
MPX1D0530L220 KEMET-MPX1D0530L220 Datasheet
74Kb / 1P
KEMET, MPX, Power, 22 uH, 20%
MPX1D0630L100 KEMET-MPX1D0630L100 Datasheet
70Kb / 1P
KEMET, MPX, Power, 10 uH, 20%
MPX1D0630L220 KEMET-MPX1D0630L220 Datasheet
70Kb / 1P
KEMET, MPX, Power, 22 uH, 20%
MPX1D0830L220 KEMET-MPX1D0830L220 Datasheet
82Kb / 1P
KEMET, MPX, Power, 22 uH, 20%
MPX1D0840L150 KEMET-MPX1D0840L150 Datasheet
82Kb / 1P
KEMET, MPX, Power, 15 uH, 20%
MPX1D0840L220 KEMET-MPX1D0840L220 Datasheet
82Kb / 1P
KEMET, MPX, Power, 22 uH, 20%
MPX1D0840L470 KEMET-MPX1D0840L470 Datasheet
82Kb / 1P
KEMET, MPX, Power, 47 uH, 20%
MPLCV0654L220 KEMET-MPLCV0654L220 Datasheet
83Kb / 1P
KEMET, MPLCV, Power, 22 uH, 20%
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com