Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1SMB5913B Datasheet (PDF) - First Silicon Co., Ltd

1SMB5913B Datasheet PDF - First Silicon Co., Ltd
Part # 1SMB5913B
Download  1SMB5913B Download
File Size   661.67 Kbytes
Page   4 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description SURFACE MOUNT SILICON ZENER DIODES

1SMB5913B Datasheet (PDF)

Go To PDF Page Download Datasheet
1SMB5913B Datasheet PDF - First Silicon Co., Ltd

Part # 1SMB5913B
Download  1SMB5913B Click to download

File Size   661.67 Kbytes
Page   4 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description SURFACE MOUNT SILICON ZENER DIODES

1SMB5913B Datasheet (HTML) - First Silicon Co., Ltd


1SMB5913B Product details

Vz : 3.3 - 200 Volts, Pd : 3 Watts

Features
• Total power dissipation: Max. 3 W.
• Wide zener reverse voltage range 3.3V to 200V.
• Small plastic package suitable for surface mounted design.

Mechanical Data
• Case: SMB
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.095g / 0.0034oz




Similar Part No. - 1SMB5913B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1SMB5913B MOTOROLA-1SMB5913B Datasheet
189Kb / 4P
1.5Watt Plastic Surface Mount Silicon Zener Diodes
logo
Guangdong Kexin Industr...
1SMB5913B KEXIN-1SMB5913B Datasheet
69Kb / 2P
Surface Mount Zener Diodes
logo
SynSemi, Inc.
1SMB5913B SYNSEMI-1SMB5913B Datasheet
30Kb / 2P
SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
1SMB5913B EIC-1SMB5913B Datasheet
121Kb / 3P
SILICON ZENER DIODES
logo
Diotech Company.
1SMB5913B DIOTECH-1SMB5913B Datasheet
735Kb / 2P
3W SURFACE MOUNT SILICON ZENER DIODE
More results


Similar Description - 1SMB5913B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
BZX84B2V4 PANJIT-BZX84B2V4 Datasheet
114Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W_09 Datasheet
143Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
MMBZ5221BW PANJIT-MMBZ5221BW_10 Datasheet
121Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
MMBZ5229AW PANJIT-MMBZ5229AW_09 Datasheet
127Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
MMSZ4687-V PANJIT-MMSZ4687-V_10 Datasheet
77Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
PZ6.2B PANJIT-PZ6.2B Datasheet
90Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
SUNMATE electronic Co.,...
MM5Z2V4 SUNMATE-MM5Z2V4_16 Datasheet
381Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
SZ252H SUNMATE-SZ252H_15 Datasheet
561Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
ZPX3.0 SUNMATE-ZPX3.0 Datasheet
522Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com