Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7016-0056 Datasheet (PDF) - Amphenol Corporation

7016-0056 Datasheet PDF - Amphenol Corporation
Part # 7016-0056
Download  7016-0056 Download
File Size   64.24 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description 2.4MM PLUG TO 2.4MM PLUG FOR FLEXIBLE 횠.047 CABLE ASSEMBLY

7016-0056 Datasheet (PDF)

Go To PDF Page Download Datasheet
7016-0056 Datasheet PDF - Amphenol Corporation

Part # 7016-0056
Download  7016-0056 Click to download

File Size   64.24 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description 2.4MM PLUG TO 2.4MM PLUG FOR FLEXIBLE 횠.047 CABLE ASSEMBLY

7016-0056 Datasheet (HTML) - Amphenol Corporation




Similar Part No. - 7016-0056

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
7016-0058 AMPHENOL-7016-0058 Datasheet
63Kb / 1P
2.4mm PLUG T0 2.4mm PLUG T-FLEX 405 CABLE ASSEMBLY
7016-0058-0059 AMPHENOL-7016-0058-0059 Datasheet
63Kb / 1P
2.4mm PLUG T0 2.4mm PLUG T-FLEX 405 CABLE ASSEMBLY
7016-0059 AMPHENOL-7016-0059 Datasheet
63Kb / 1P
2.4mm PLUG T0 2.4mm PLUG T-FLEX 405 CABLE ASSEMBLY
More results


Similar Description - 7016-0056

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
7032-7524-7525 AMPHENOL-7032-7524-7525 Datasheet
63Kb / 1P
SMPM JACK TO SMA PLUG FOR FLEXIBLE 횠.047 CABLE ASSEMBLY
7016-0058-0059 AMPHENOL-7016-0058-0059 Datasheet
63Kb / 1P
2.4mm PLUG T0 2.4mm PLUG T-FLEX 405 CABLE ASSEMBLY
7016-0060-0061 AMPHENOL-7016-0060-0061 Datasheet
63Kb / 1P
2.4MM PLUG TO 2.92MM PLUG FOR FLEXIBLE 횠.047 CABLE ASSEMBLY
7016-0062-0063 AMPHENOL-7016-0062-0063 Datasheet
63Kb / 1P
2.4MM PLUG TO 2.92MM PLUG FOR 횠.085 T-FLEX CABLE ASSEMBLY
7016-0064-0065 AMPHENOL-7016-0064-0065 Datasheet
64Kb / 1P
2.4mm PLUG TO SMPM R/A JACK FOR FLEXIBLE 횠.047 CABLE
7016-0068-0069 AMPHENOL-7016-0068-0069 Datasheet
66Kb / 1P
SMPM FEMALE TO 2.4MM MALE 횠.047 FLEX CABLE ASSEMBLY
7016-0072-0073 AMPHENOL-7016-0072-0073 Datasheet
88Kb / 1P
2.4mm PLUG TO SMPS R/A JACK FOR FLEXIBLE 횠.047 CABLE ASSEMBLY
7016-0074-0075 AMPHENOL-7016-0074-0075 Datasheet
64Kb / 1P
2.4mm PLUG TO SMPS JACK FOR FLEXIBLE 횠.047 CABLE ASSEMBLY
logo
Amphenol SV Microwave
1611-60028 SVMICROWAVE-1611-60028 Datasheet
94Kb / 1P
2.4mm EF PLUG FOR Ø.047 CABLE
03/22
7016-0128 SVMICROWAVE-7016-0128 Datasheet
82Kb / 1P
2.4mm FEMALE BULKHEAD TO 2.4mm MALE 6" Ø.047 CABLE ASSEMBLY
REV.02 02/22
More results




About Amphenol Corporation


Amphenol Corporation is a global manufacturer of interconnect products, including connectors and cable assemblies, for various markets such as telecommunications, industrial, automotive, military, aerospace and medical.

The company was founded in 1932 and is headquartered in Wallingford, Connecticut.

Amphenol has a broad product portfolio that includes circular, rectangular, fiber optic, and high-speed interconnects, as well as coaxial and specialty cable assemblies.

The company's products are used in a wide range of applications, from smartphones and laptops to aircraft, automobiles, and military systems.

With operations and facilities in over 60 countries, Amphenol has a strong global presence in the interconnect solutions market.

The company is known for its innovation and technology leadership, as well as its commitment to quality and customer service.

Amphenol has been recognized as one of the world's most ethical companies and has a long-standing reputation for responsible business practices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com