Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SIP32205 Datasheet (PDF) - Vishay Siliconix

SIP32205 Datasheet PDF - Vishay Siliconix
Part # SIP32205
Download  SIP32205 Download
File Size   83.69 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Threshold Logic Gate Switch

SIP32205 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIP32205 Datasheet PDF - Vishay Siliconix

Part # SIP32205
Download  SIP32205 Click to download

File Size   83.69 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Threshold Logic Gate Switch

SIP32205 Datasheet (HTML) - Vishay Siliconix


SIP32205 Product details

• Wide input voltage, 2 V to 5 V
• Two logic inputs with integrated 100 kΩ pull
down resistors
• < 10 pF logic input capacitance
• < 1 kΩ output pull-up/pull-down resistors
• Compact 6-bump WCSP package with top side
lamination




Similar Part No. - SIP32205

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32101 VISHAY-SIP32101 Datasheet
180Kb / 9P
6.5 mΩ, Bi-Directional Battery Switch in Compact WCSP
30-Mar-15
SIP32101 VISHAY-SIP32101 Datasheet
179Kb / 9P
6.5 mΩ, Bi-Directional Battery Switch in Compact WCSP
30-Mar-15
SIP32101 VISHAY-SIP32101 Datasheet
683Kb / 7P
Evaluation Board Manual
13-Mar-14
SiP32101DB-T1-GE1 VISHAY-SiP32101DB-T1-GE1 Datasheet
180Kb / 9P
6.5 mΩ, Bi-Directional Battery Switch in Compact WCSP
30-Mar-15
SIP32101DB-T1-GE1 VISHAY-SIP32101DB-T1-GE1 Datasheet
179Kb / 9P
6.5 mΩ, Bi-Directional Battery Switch in Compact WCSP
30-Mar-15
More results


Similar Description - SIP32205

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA345A SIEMENS-TCA345A Datasheet
114Kb / 4P
THRESHOLD SWITCH
TCA105 SIEMENS-TCA105 Datasheet
209Kb / 8P
THRESHOLD SWITCH
logo
Diodes Incorporated
DMN4020LFDE DIODES-DMN4020LFDE Datasheet
290Kb / 6P
Low Gate Threshold Voltage
Rev 3
DMP25H18DLFDE DIODES-DMP25H18DLFDE Datasheet
247Kb / 7P
Low Gate Threshold Voltage
Rev 3
DMN10H700S DIODES-DMN10H700S Datasheet
401Kb / 7P
Low Gate Threshold Voltage
Rev 2
DMN24H11DS DIODES-DMN24H11DS Datasheet
395Kb / 6P
Low Gate Threshold Voltage
Rev 3
DMN1150UFL3 DIODES-DMN1150UFL3 Datasheet
661Kb / 7P
Low Gate Threshold Voltage
Rev 3
DMN2011UFDE DIODES-DMN2011UFDE Datasheet
344Kb / 7P
Low Gate Threshold Voltage
Rev 4
DMN3016LFDE DIODES-DMN3016LFDE Datasheet
265Kb / 6P
Low Gate Threshold Voltage
Rev 2
DMP31D0UFB4 DIODES-DMP31D0UFB4 Datasheet
478Kb / 7P
Low Gate Threshold Voltage
Rev 2
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com