Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

G27-122T-066A Datasheet (PDF) - Bel Fuse Inc.

G27-122T-066A Datasheet PDF - Bel Fuse Inc.
Part # G27-122T-066A
Download  G27-122T-066A Download
File Size   587.2 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description 10GBASE-T ICMs Single Port 60W PoE MagJack짰 ICMs

G27-122T-066A Datasheet (PDF)

Go To PDF Page Download Datasheet
G27-122T-066A Datasheet PDF - Bel Fuse Inc.

Part # G27-122T-066A
Download  G27-122T-066A Click to download

File Size   587.2 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description 10GBASE-T ICMs Single Port 60W PoE MagJack짰 ICMs

G27-122T-066A Datasheet (HTML) - Bel Fuse Inc.




Similar Part No. - G27-122T-066A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
G27 TAYCHIPST-G27 Datasheet
1Mb / 3P
Silicon Z?밆iodes
logo
EIC discrete Semiconduc...
G270 EIC-G270 Datasheet
26Kb / 1P
SIDACs
logo
Shenzhen Taychipst Elec...
G270 TAYCHIPST-G270 Datasheet
1Mb / 3P
Silicon Z?밆iodes
logo
New Jersey Semi-Conduct...
G270 NJSEMI-G270 Datasheet
84Kb / 1P
SIDACs
logo
Vishay Siliconix
G27094730G2C000 VISHAY-G27094730G2C000 Datasheet
133Kb / 7P
Axial Vitreous Leaded Wirewound Resistors
28-Mar-17
More results


Similar Description - G27-122T-066A

ManufacturerPart #DatasheetDescription
logo
E&E Magnetic Products L...
824-00486F EEMAGNETIC-824-00486F Datasheet
91Kb / 3P
TRANSFORMER, 10GBASE-T(PoE),SINGLE, SOIC, 24 PIN
logo
Microchip Technology
PD-9501GI MICROCHIP-PD-9501GI Datasheet
287Kb / 1P
Single Port, 60W Industrial PoE Midspan
1/21
logo
Microsemi Corporation
PD-9501G MICROSEMI-PD-9501G Datasheet
819Kb / 2P
60W, Gigabit, Single-port PoE Midspan, 24VDC Input
PD-9501G MICROSEMI-PD-9501G_V01 Datasheet
1Mb / 2P
60W, Gigabit, Single-port PoE Midspan, 48VDC Input
PD-9501GO MICROSEMI-PD-9501GO_V01 Datasheet
1Mb / 2P
Single-port, Outdoor PoE Midspan, 60W, IEEE802.3at Compliant
logo
Bel Fuse Inc.
1840772-8 BEL-1840772-8 Datasheet
855Kb / 2P
Press-Fit ICMs
2250379-1 BEL-2250379-1 Datasheet
677Kb / 2P
10GBASE-T 100W PoE Single Port MagJack짰 ICMs
A829-1A1T-91B BEL-A829-1A1T-91B Datasheet
794Kb / 2P
Automotive Ethernet ICMs
G10-1GHN-056 BEL-G10-1GHN-056 Datasheet
795Kb / 2P
10GBASE-T ICMs Marvell짰 Compatible ICMs
logo
Microchip Technology
PD-9501GC MICROCHIP-PD-9501GC Datasheet
417Kb / 2P
Single-Port IEEE802.3bt 60W Gigabit PoE Midspan
6/21
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com