Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TA2215B Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TA2215B Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TA2215B
Download  TA2215B Download
File Size   428.16 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 850 MHz SMD 3.0횞3.0 mm (BW=4 MHz)

TA2215B Datasheet (PDF)

Go To PDF Page Download Datasheet
TA2215B Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA2215B
Download  TA2215B Click to download

File Size   428.16 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 850 MHz SMD 3.0횞3.0 mm (BW=4 MHz)

TA2215B Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TA2215B

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA2215A TAI-SAW-TA2215A Datasheet
418Kb / 7P
SAW Filter 850 MHz
More results


Similar Description - TA2215B

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1050B TAI-SAW-TA1050B Datasheet
474Kb / 7P
SAW Filter 670 MHz SMD 3.0횞3.0 mm (BW=20 MHz)
TA1083C TAI-SAW-TA1083C Datasheet
796Kb / 7P
SAW Filter 899 MHz SMD 3.0횞3.0 mm (BW=8 MHz)
TA1471B TAI-SAW-TA1471B Datasheet
644Kb / 6P
SAW Filter 918.6 MHz SMD 3.0횞3.0 mm (BW=3.6 MHz)
TA1663BA3110 TAI-SAW-TA1663BA3110 Datasheet
466Kb / 7P
SAW Filter 413 MHz SMD 3.0횞3.0 mm (BW=2 MHz)
TA1713A TAI-SAW-TA1713A Datasheet
470Kb / 7P
SAW Filter 1370 MHz SMD 3.0횞3.0 mm (BW=60 MHz)
TA1923A TAI-SAW-TA1923A Datasheet
449Kb / 7P
SAW Filter 1587.1 MHz SMD 3.0횞3.0 mm (BW=55 MHz)
TA1957A TAI-SAW-TA1957A Datasheet
427Kb / 7P
SAW Filter 1278.75 MHz SMD 3.0횞3.0 mm (BW=55 MHz)
TA2120A TAI-SAW-TA2120A Datasheet
420Kb / 7P
SAW Filter 2491.75 MHz SMD 3.0횞3.0 mm (BW=16.5 MHz)
TA2390A TAI-SAW-TA2390A Datasheet
340Kb / 7P
SAW Filter 1480 MHz SMD 3.0횞3.0 mm (BW=90 MHz)
TA2674A TAI-SAW-TA2674A Datasheet
488Kb / 7P
SAW Filter 808 MHz SMD 3.0횞3.0 mm (BW=4 MHz)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com