Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TA2476A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TA2476A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TA2476A
Download  TA2476A Download
File Size   787.6 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 866.5 MHz SMD 2.0횞1.6 mm (BW=7 MHz)

TA2476A Datasheet (PDF)

Go To PDF Page Download Datasheet
TA2476A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA2476A
Download  TA2476A Click to download

File Size   787.6 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 866.5 MHz SMD 2.0횞1.6 mm (BW=7 MHz)

TA2476A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TA2476A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA2471A TAI-SAW-TA2471A Datasheet
831Kb / 8P
SAW Filter 1176.5MHz BW25MHz SMD 1.1x0.9mm
TA2471B TAI-SAW-TA2471B Datasheet
541Kb / 8P
SAW Filter 1176.5 MHz SMD 1.1X0.9 mm (BW=25MHz)
logo
Transko Electronics, In...
TA24729AD1 TRANSKO-TA24729AD1 Datasheet
598Kb / 4P
247.5 MHz IF SAW Filter / 29.70 MHz Bandwidth
Revision 0: 24. Nov. 2009
logo
TAI-SAW TECHNOLOGY CO.,...
TA2472A TAI-SAW-TA2472A Datasheet
801Kb / 7P
SAW Filter 2500 MHz
TA2473A TAI-SAW-TA2473A Datasheet
642Kb / 10P
SAW Filter 2155 MHz 90MHz BW Band66 Rx SMD 1.1X0.9 mm
More results


Similar Description - TA2476A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0801B TAI-SAW-TA0801B Datasheet
814Kb / 7P
SAW Filter 866.5 MHz
TA1040A TAI-SAW-TA1040A Datasheet
267Kb / 7P
SAW Filter 2338.75 MHz 12.5 MHz BW SMD 1.4X1.1 mm
TA1941A TAI-SAW-TA1941A Datasheet
645Kb / 7P
SAW Filter 866.5 MHz
TA1735B TAI-SAW-TA1735B Datasheet
506Kb / 8P
SAW Filter 867.5 MHz SMD 2.0횞1.6 mm (BW=15 MHz)
TA2352A TAI-SAW-TA2352A Datasheet
487Kb / 7P
SAW Filter 1254.15 MHz SMD 2.0횞1.6 mm (BW=68.7 MHz)
TA2468A TAI-SAW-TA2468A Datasheet
586Kb / 7P
SAW Filter 1638 MHz SMD 2.0횞1.6 mm (BW=24 MHz)
TA2469A TAI-SAW-TA2469A Datasheet
561Kb / 7P
SAW Filter 1662.5 MHz SMD 2.0횞1.6 mm (BW=25 MHz)
TA2498A TAI-SAW-TA2498A Datasheet
555Kb / 6P
SAW Filter 918.5 MHz SMD 2.0횞1.6 mm (BW=7 MHz)
TA2499A TAI-SAW-TA2499A Datasheet
492Kb / 6P
SAW Filter 1176 MHz SMD 2.0횞1.6 mm (BW=40 MHz)
TA2554A TAI-SAW-TA2554A Datasheet
601Kb / 7P
SAW Filter 875 MHz SMD 2.0횞1.6 mm (BW=10 MHz)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com