Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TF0210A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TF0210A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TF0210A
Download  TF0210A Download
File Size   1244.87 Kbytes
Page   13 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Band3 DPX 1747.5/1842.5MHz SMD1.8X1.4 mm(BW=74.7MHz)

TF0210A Datasheet (PDF)

Go To PDF Page Download Datasheet
TF0210A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TF0210A
Download  TF0210A Click to download

File Size   1244.87 Kbytes
Page   13 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Band3 DPX 1747.5/1842.5MHz SMD1.8X1.4 mm(BW=74.7MHz)

TF0210A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TF0210A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TF0210B TAI-SAW-TF0210B Datasheet
1Mb / 13P
SAW Band3 DPX 1747.5 / 1842.5MHz SMD1.8X1.4 mm(BW=74.7MHz)
More results


Similar Description - TF0210A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TF0135A TAI-SAW-TF0135A Datasheet
585Kb / 14P
SAW DPX 1747.5/1842.5MHz LTE Band 3 SMD 1814 (74.7/74.7MHz BW)
TF0155A TAI-SAW-TF0155A Datasheet
682Kb / 14P
SAW DPX 718/773MHz 30/30MHz BW Band28 SMD1.8X1.4 mm
TF0203A TAI-SAW-TF0203A Datasheet
471Kb / 14P
SAW Band2 DPX 1880 / 1960MHz SMD1.8X1.4 mm(BW=59.04/59.04MHz)
TF0208A TAI-SAW-TF0208A Datasheet
546Kb / 13P
SAW DPX 897.5 / 942.5MHz 35/35MHz BW Band8 SMD1.8X1.4 mm
TF0210B TAI-SAW-TF0210B Datasheet
1Mb / 13P
SAW Band3 DPX 1747.5 / 1842.5MHz SMD1.8X1.4 mm(BW=74.7MHz)
TF0135B TAI-SAW-TF0135B Datasheet
608Kb / 15P
SAW DPX 1747.5/1842.5MHz LTE Band3 SMD1.8X1.4 mm
TF0167B TAI-SAW-TF0167B Datasheet
497Kb / 14P
SAW DPX 1745 / 2155MHz 69.04/89.04MHz BW Band66 SMD1.8X1.4 mm
TF0190A TAI-SAW-TF0190A Datasheet
620Kb / 13P
SAW DPX 710 / 740MHz 12/12MHz BW Band17 SMD1.8X1.4 mm
TF0190B TAI-SAW-TF0190B Datasheet
1Mb / 13P
SAW DPX 710 / 740MHz 12/12MHz BW Band17 SMD1.8X1.4 mm
TF0229AA0033 TAI-SAW-TF0229AA0033 Datasheet
736Kb / 12P
SAW Duplexer 1747.5/1842.5MHz BW 74.7/74.7MHz SMD 1.6x1.2mm
REV. NO.:1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com