Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

855-305-075-201 Datasheet (PDF) - WAGO Kontakttechnik GmbH & Co. KG

855-305-075-201 Datasheet PDF - WAGO Kontakttechnik GmbH & Co. KG
Part # 855-305-075-201
Download  855-305-075-201 Download
File Size   577.53 Kbytes
Page   6 Pages
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG
Description Plug-in current transformer; Primary rated current: 75 A;

855-305-075-201 Datasheet (PDF)

Go To PDF Page Download Datasheet
855-305-075-201 Datasheet PDF - WAGO Kontakttechnik GmbH & Co. KG

Part # 855-305-075-201
Download  855-305-075-201 Click to download

File Size   577.53 Kbytes
Page   6 Pages
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG
Description Plug-in current transformer; Primary rated current: 75 A;

855-305-075-201 Datasheet (HTML) - WAGO Kontakttechnik GmbH & Co. KG




Similar Part No. - 855-305-075-201

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
855-305-050-103 WAGO-855-305-050-103 Datasheet
577Kb / 6P
Plug-in current transformer; Primary rated current
855-305-060-101 WAGO-855-305-060-101 Datasheet
577Kb / 6P
Plug-in current transformer; Primary rated current
More results


Similar Description - 855-305-075-201

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
855-301-050-103 WAGO-855-301-050-103 Datasheet
572Kb / 6P
Plug-in current transformer; Primary rated current: 50 A;
855-301-075-201 WAGO-855-301-075-201 Datasheet
577Kb / 6P
Plug-in current transformer; Primary rated current: 75 A
855-301-200-501 WAGO-855-301-200-501 Datasheet
572Kb / 6P
Plug-in current transformer; Primary rated current: 200 A
855-305-500-509 WAGO-855-305-500-509 Datasheet
597Kb / 5P
Plug-in current transformer; Primary rated current: 500 A
855-401-250-501 WAGO-855-401-250-501 Datasheet
580Kb / 6P
Plug-in current transformer; Primary rated current: 250 A
855-405-200-209 WAGO-855-405-200-209 Datasheet
607Kb / 5P
Plug-in current transformer; Primary rated current: 200 A
855-405-300-509 WAGO-855-405-300-509 Datasheet
607Kb / 5P
Plug-in current transformer; Primary rated current 300 A
855-405-400-501 WAGO-855-405-400-501 Datasheet
611Kb / 6P
Plug-in current transformer; Primary rated current: 400 A
855-505-400-1001 WAGO-855-505-400-1001 Datasheet
572Kb / 6P
Plug-in current transformer; Primary rated current: 400 A
855-1005-2500-1001 WAGO-855-1005-2500-1001 Datasheet
566Kb / 6P
Plug-in current transformer; Primary rated current: 2500 A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com