| Manufacturer | Part # | Datasheet | Description |
 WAGO Kontakttechnik Gmb... |
787-842
|
429Kb / 10P |
Switched-mode power supply; Pro; 3-phase; 24 VDC output voltage; 20 A
|
|
2787-2144
|
244Kb / 9P |
Power supply; Pro 2; 1-phase; 24 VDC output voltage
18.10.2021 |
|
2787-2146
|
217Kb / 9P |
Power supply; Pro 2; 1-phase; 24 VDC output voltage
18.10.2021 |
|
2787-2147
|
242Kb / 10P |
Power supply; Pro 2; 1-phase; 24 VDC output voltage
18.10.2021 |
|
2787-2348
|
231Kb / 9P |
Power supply; Pro 2; 3-phase; 24 VDC output voltage
18.10.2021 |
|
2787-2147
|
751Kb / 9P |
Power supply; Pro 2; 1-phase; 24 VDC output voltage; 20 A output current; TopBoost PowerBoost; communication capability
20.03.2023 |
|
2787-2344
|
1Mb / 5P |
Power supply; Pro 2; 3-phase; 24 VDC output voltage; 5 A output current; TopBoost PowerBoost; communication capability
Version 11.02.2023 |
|
2787-2346
|
505Kb / 5P |
Power supply; Pro 2; 3-phase; 24 VDC output voltage; 10 A output current; TopBoost PowerBoost; communication capability
Version 21.02.2023 |
|
2787-2347
|
563Kb / 9P |
Power supply; Pro 2; 3-phase; 24 VDC output voltage; 20 A output current; TopBoost PowerBoost; communication capability
20.03.2023 |
|
2787-2348
|
1Mb / 6P |
Power supply; Pro 2; 3-phase; 24 VDC output voltage; 40 A output current; TopBoost PowerBoost; communication capability
Version 11.02.2023 |