| Manufacturer | Part # | Datasheet | Description |
 Analog Devices |
ADT7516
|
1Mb / 44P |
SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
8/04-Data Sheet Changed from Rev. 0 to Rev. A |
 Intersil Corporation |
ISL51002
|
357Kb / 32P |
10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
December 22, 2006 |
|
ISL51002
|
359Kb / 32P |
10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
September 19, 2007 |
|
ISL98003
|
352Kb / 31P |
8-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
September 25, 2008 |
|
ISL51002CQZ-110
|
638Kb / 33P |
10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
February 29, 2012 |
 Renesas Technology Corp |
ISL51002
|
1Mb / 33P |
10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
|
|
ISL98003
|
1Mb / 31P |
8-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
|
 Texas Instruments |
AFE53902-Q1
|
2Mb / 65P |
AFEx3902-Q1 Smart Analog Front End (AFE) for Multislope Thermal Foldback and LUT-Based Control With I2C and SPI
JUNE 2023 |
|
AFE532A3W
|
2Mb / 93P |
AFEx32A3W 10-Bit and 8-Bit, Three-Channel Voltage-Output, Current-Output, and ADC-Input Smart AFE With I2C or SPI
NOVEMBER 2023 |
|
DAC532A3W
|
2Mb / 88P |
DAC53xAxW 10-Bit Three-Channel and Two-Channel Voltage-Output and Current- Output Smart DAC With I2C or SPI
NOVEMBER 2023 |