| Manufacturer | Part # | Datasheet | Description |
 Fairchild Semiconductor |
FGH40T65UPD
|
308Kb / 10P |
650 V, 40 A Field Stop Trench IGBT
|
 ON Semiconductor |
FGH40T65SQD
|
937Kb / 11P |
650 V, 40 A Field Stop Trench IGBT
June 2017 Rev. 1.0 |
|
AFGHL40T65SQ
|
255Kb / 8P |
Field Stop Trench IGBT 40A, 650V
January, 2020 ??Rev. 1 |
|
AFGHL40T65SQD
|
268Kb / 9P |
Field Stop Trench IGBT 40A, 650V
June, 2020 ??Rev. 2 |
|
FGAF40S65AQ
|
491Kb / 10P |
Field Stop Trench IGBT 650 V, 40 A
May, 2021 ??Rev. 3 |
|
FGH40T65SH
|
480Kb / 8P |
IGBT - Field Stop, Trench 650 V, 40 A
December, 2020 - Rev. 3 |
|
FGH40T65SHD
|
1Mb / 9P |
IGBT - Field Stop, Trench 650 V, 40 A
April, 2020 ??Rev. 3 |
|
FGHL40S65UQ
|
311Kb / 10P |
Field Stop Trench IGBT 40 A, 650 V
May, 2019 ??Rev. P0 |
|
FGH40T65SHDF
|
503Kb / 9P |
IGBT - Field Stop, Trench 650 V, 40 A
November, 2020 ??Rev. 4 |
|
FGH40N65UFDTU
|
478Kb / 10P |
IGBT - Field Stop 650 V, 40 A
January, 2020 - Rev. 3 |