Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

9001KR1U Datasheet (PDF) - Schneider Electric

9001KR1U Datasheet PDF - Schneider Electric
Part # 9001KR1U
Download  9001KR1U Download
File Size   190.68 Kbytes
Page   5 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description 30mm Push Button, Type K, push button, full guard, universal

9001KR1U Datasheet (PDF)

Go To PDF Page Download Datasheet
9001KR1U Datasheet PDF - Schneider Electric

Part # 9001KR1U
Download  9001KR1U Click to download

File Size   190.68 Kbytes
Page   5 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description 30mm Push Button, Type K, push button, full guard, universal

9001KR1U Datasheet (HTML) - Schneider Electric




Similar Part No. - 9001KR1U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9001KR1U ETC2-9001KR1U Datasheet
80Kb / 1P
pushbutton head - 횠 30 - 7 colors choice
logo
Schneider Electric
9001KR1UH13 SCHNEIDER-9001KR1UH13 Datasheet
153Kb / 6P
PUSHBUTTON 600VAC 10A 30MM TYPE K
Dec 6, 2021
9001KR1UH2 SCHNEIDER-9001KR1UH2 Datasheet
104Kb / 2P
30mm push button, Type K, nonilluminated momentary, full guard, 6A inductive at 120VAC, 2NO/2NC contacts, NEMA 4, 13
Dec 13, 2021
9001KR1UH3 SCHNEIDER-9001KR1UH3 Datasheet
99Kb / 2P
PUSH BUTTON 600VAC 10A 30MM T-K
Dec 20, 2021
9001KR1UH5 SCHNEIDER-9001KR1UH5 Datasheet
153Kb / 6P
PUSH BUTTON 600VAC 10A 30MM T-K
Dec 6, 2021
More results


Similar Description - 9001KR1U

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
9001KR1B SCHNEIDER-9001KR1B Datasheet
159Kb / 2P
30mm Push Button, Type K, push button, full guard, black
Dec 6, 2021
9001KR1BH13 SCHNEIDER-9001KR1BH13 Datasheet
173Kb / 6P
30mm Push Button, Type K, push button, full guard, black, 1 NO and 1 NC
Dec 6, 2021
9001KR1BH5 SCHNEIDER-9001KR1BH5 Datasheet
183Kb / 6P
30mm Push Button, Type K, push button, full guard, black, 1 NO
Dec 6, 2021
9001KR1GH13 SCHNEIDER-9001KR1GH13 Datasheet
172Kb / 6P
30mm Push Button, Type K, push button, full guard, green, 1 NO and 1 NC
Dec 6, 2021
9001KR1RH13 SCHNEIDER-9001KR1RH13 Datasheet
174Kb / 6P
30mm Push Button, Type K, push button, full guard, red, 1 NO and 1 NC
Dec 6, 2021
9001KR2U SCHNEIDER-9001KR2U Datasheet
190Kb / 5P
30mm Push Button, Type K, push button, extended guard, universal
Dec 6, 2021
9001KR3U SCHNEIDER-9001KR3U Datasheet
176Kb / 5P
30mm Push Button, Type K, push button, no guard, universal
Dec 6, 2021
9001SKR1U SCHNEIDER-9001SKR1U Datasheet
162Kb / 4P
30mm Push Button, Type SK, push button, full guard, universal
Jan 12, 2022
9001SKR2U SCHNEIDER-9001SKR2U Datasheet
97Kb / 4P
30MM PUSH BUTTON HEAD EXTENDED GUARD
Jan 12, 202
9001SKR3U SCHNEIDER-9001SKR3U Datasheet
97Kb / 4P
30MM PUSH BUTTON HEAD NO GUARD
Jan 12, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com