Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XB5S3B2L2 Datasheet (PDF) - Schneider Electric

XB5S3B2L2 Datasheet PDF - Schneider Electric
Part # XB5S3B2L2
Download  XB5S3B2L2 Download
File Size   101.71 Kbytes
Page   4 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Bistable USB Biometric switch - connection with 2m cable

XB5S3B2L2 Datasheet (PDF)

Go To PDF Page Download Datasheet
XB5S3B2L2 Datasheet PDF - Schneider Electric

Part # XB5S3B2L2
Download  XB5S3B2L2 Click to download

File Size   101.71 Kbytes
Page   4 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Bistable USB Biometric switch - connection with 2m cable

XB5S3B2L2 Datasheet (HTML) - Schneider Electric




Similar Part No. - XB5S3B2L2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XB5S-2B2L2 SCHNEIDER-XB5S-2B2L2 Datasheet
106Kb / 5P
Harmony XB5S, Biometric switch monostable, plastic, 횠22, connection by 2m cable, 24 V AC/ DC
Sep 27, 2021
XB5S1B2L2 SCHNEIDER-XB5S1B2L2 Datasheet
106Kb / 5P
Harmony XB5S, Biometric switch bistable, plastic, 횠22, connection by 2m cable, 24 V AC/DC
Sep 27, 2021
XB5S1B2M12 SCHNEIDER-XB5S1B2M12 Datasheet
107Kb / 5P
Harmony XB5S, Biometric switch bistable, plastic, 횠22, connection by M12 connector, 24 V AC/DC
Sep 27, 2021
XB5S2B2L2 SCHNEIDER-XB5S2B2L2 Datasheet
106Kb / 5P
Harmony XB5S, Biometric switch monostable, plastic, 횠22, connection by 2m cable, 24 V AC/ DC
Sep 27, 2021
XB5S2B2M12 SCHNEIDER-XB5S2B2M12 Datasheet
107Kb / 5P
Harmony XB5S, Biometric switch monostable, plastic, 횠22, connection by M12 connector, 24 V AC/DC
Sep 27, 2021
More results


Similar Description - XB5S3B2L2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XB5S1B2L2 SCHNEIDER-XB5S1B2L2 Datasheet
106Kb / 5P
Harmony XB5S, Biometric switch bistable, plastic, 횠22, connection by 2m cable, 24 V AC/DC
Sep 27, 2021
XB5S1B2M12 SCHNEIDER-XB5S1B2M12 Datasheet
107Kb / 5P
Harmony XB5S, Biometric switch bistable, plastic, 횠22, connection by M12 connector, 24 V AC/DC
Sep 27, 2021
XB5S2B2L2 SCHNEIDER-XB5S2B2L2 Datasheet
106Kb / 5P
Harmony XB5S, Biometric switch monostable, plastic, 횠22, connection by 2m cable, 24 V AC/ DC
Sep 27, 2021
XB5S9B2L2 SCHNEIDER-XB5S9B2L2 Datasheet
109Kb / 5P
Harmony XB5S, Biometric switch monostable RGPD, plastic, 횠22, USB, connection by 2m cable, 24 V AC/DC
Sep 27, 2021
XB5S9B2M12 SCHNEIDER-XB5S9B2M12 Datasheet
106Kb / 4P
Harmony XB5S, Biometric switch monostable RGPD, plastic, 횠22, USB, connection by M12 connector, 24 V AC/DC
Sep 27, 2021
logo
Maxim Integrated Produc...
MAX15501EVKIT MAXIM-MAX15501EVKIT Datasheet
710Kb / 15P
USB-PC Connection (Cable Included)
Rev 0; 8/09
logo
Schneider Electric
XB5S4B2L2 SCHNEIDER-XB5S4B2L2 Datasheet
101Kb / 4P
Monostable USB Biometric switch - connection by 2m cable
Aug 10, 2019
logo
IOGEAR
GUMU02 IOGEAR-GUMU02 Datasheet
134Kb / 3P
Charge & Sync Cable, 6.5ft (2m) - USB to Micro USB Cable
logo
Pepperl+Fuchs Inc.
PCT01 PF-PCT01 Datasheet
281Kb / 1P
USB connection cable
2021-10-26
PCT02 PF-PCT02 Datasheet
202Kb / 1P
USB connection cable
2021-07-15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com