Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

K2F006ACH Datasheet (PDF) - Schneider Electric

K2F006ACH Datasheet PDF - Schneider Electric
Part # K2F006ACH
Download  K2F006ACH Download
File Size   129.93 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description cam switch - 6-pole - 45째 - 20 A - for 횠 22 mm

K2F006ACH Datasheet (PDF)

Go To PDF Page Download Datasheet
K2F006ACH Datasheet PDF - Schneider Electric

Part # K2F006ACH
Download  K2F006ACH Click to download

File Size   129.93 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description cam switch - 6-pole - 45째 - 20 A - for 횠 22 mm

K2F006ACH Datasheet (HTML) - Schneider Electric





Similar Description - K2F006ACH

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
K10C003ACH SCHNEIDER-K10C003ACH Datasheet
197Kb / 10P
cam switch - 3-pole - 60째 - 10 A - for 횠 16 or 22 mm
Feb 3, 2022
K10D004QCH SCHNEIDER-K10D004QCH Datasheet
145Kb / 10P
cam stepping switch - 1 pole - 30째 - 10 A - for 횠 16 or 22 mm
Feb 3, 2022
K10D024MCH SCHNEIDER-K10D024MCH Datasheet
140Kb / 10P
cam voltmeter switch - 3L - 45째 - 10 A - for 횠 16 or 22 mm
Feb 3, 2022
K10F003MCH SCHNEIDER-K10F003MCH Datasheet
204Kb / 10P
cam ammeter switch - 3L-N - 90째 - 10 A - for 횠 16 or 22 mm
Feb 3, 2022
K10F027MCH SCHNEIDER-K10F027MCH Datasheet
140Kb / 10P
cam voltmeter switch - 3L and 3L-N - 45째 - 10 A - for 횠 16 or 22 mm
Feb 3, 2022
K1I023QCH SCHNEIDER-K1I023QCH Datasheet
153Kb / 9P
cam stepping switch - 3-pole - 45째 - 12 A - for 횠 22 mm
Feb 3, 2022
K2D002UCH SCHNEIDER-K2D002UCH Datasheet
130Kb / 3P
cam changeover switch - 2-pole - 45째 - 20 A - for 횠 22 mm
Feb 3, 2022
K1A001A SCHNEIDER-K1A001A Datasheet
168Kb / 8P
body for switch - 1 pole - 45째 - 12 A - for 횠 22 mm
Feb 10, 2022
K1D004N SCHNEIDER-K1D004N Datasheet
174Kb / 8P
body for stepping switch - 1 pole - 45째 - 12 A - for 횠 22 mm
Feb 10, 2022
K1F006NX SCHNEIDER-K1F006NX Datasheet
179Kb / 8P
body for stepping switch - 1 pole - 45째 - 12 A - for 횠 22 mm
Feb 10, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com