| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX16800
|
200Kb / 9P |
High-Voltage, 350mA, Adgustable Linear High-Brightness LED (HB LED) Driver
Rev 0; 8/05 |
|
MAX16823
|
315Kb / 13P |
High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 1; 3/07 |
|
MAX16823
|
195Kb / 12P |
High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 2; 10/08 |
|
MAX16800
|
182Kb / 8P |
High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09 |
|
MAX16823
|
193Kb / 12P |
High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 3; 9/09 |
|
MAX16839
|
1Mb / 11P |
High-Voltage, Linear High-Brightness LED Driver with Open-LED Fault Detect
Rev 1; 5/10 |
|
MAX16839
|
1Mb / 11P |
High-Voltage, Linear High-Brightness LED Driver with Open-LED Fault Detect
Rev 4; 4/11 |
|
MAX16823
|
830Kb / 12P |
High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 4; 8/15 |
 Shanghai Consonance Ele... |
CN5501
|
344Kb / 9P |
High-Voltage, Linear High-Brightness LED Driver IC
|
|
CN5502
|
349Kb / 9P |
High-Voltage, Linear High-Brightness LED Driver IC
|