Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CPA-8-4003 Datasheet (PDF) - Teledyne Technologies Incorporated

CPA-8-4003 Datasheet PDF - Teledyne Technologies Incorporated
Part # CPA-8-4003
Download  CPA-8-4003 Download
File Size   892.87 Kbytes
Page   2 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Amplifier 4 GHz - 8 GHz

CPA-8-4003 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPA-8-4003 Datasheet PDF - Teledyne Technologies Incorporated

Part # CPA-8-4003
Download  CPA-8-4003 Click to download

File Size   892.87 Kbytes
Page   2 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Amplifier 4 GHz - 8 GHz

CPA-8-4003 Datasheet (HTML) - Teledyne Technologies Incorporated


CPA-8-4003 Product details

Amplifier 4 GHz - 8 GHz

This Amplifier offers exceptional performance over the band 4 GHz to 8 GHz with 23 dBm P1dB output power and 28 dB Gain.

Teledyne Microwave amplifiers are balanced or feedback designs and manufactured with the latest MIC & MMIC technology. The GaAs FET’s used in these amplifiers are well established proven devices from multiple sources.

Teledyne Microwave offers a complete line of Narrow and broadband Amplifiers covering the frequency range 500 MHz to 40 GHz. These products are available in either connectorized packages or as modules. For a complete list of these products and more, please visit our website.

Other products from Teledyne Microwave include: Transceivers, Synthesizers, and YIG Products




Similar Part No. - CPA-8-4003

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CPA-8-4002 TELEDYNE-CPA-8-4002 Datasheet
894Kb / 2P
Amplifier 4 GHz - 8 GHz
CPA-8-4004 TELEDYNE-CPA-8-4004 Datasheet
892Kb / 2P
Amplifier 4 GHz - 8 GHz
More results


Similar Description - CPA-8-4003

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CMA-8-4002 TELEDYNE-CMA-8-4002 Datasheet
892Kb / 2P
Amplifier 4 GHz - 8 GHz
CMA-8-4003 TELEDYNE-CMA-8-4003 Datasheet
892Kb / 2P
Amplifier 4 GHz - 8 GHz
CMA-8-4004 TELEDYNE-CMA-8-4004 Datasheet
891Kb / 2P
Amplifier 4 GHz - 8 GHz
CMT-8-4003 TELEDYNE-CMT-8-4003 Datasheet
892Kb / 2P
Temperature Compensated Amplifier 4 GHz - 8 GHz
CMT-8-4004 TELEDYNE-CMT-8-4004 Datasheet
891Kb / 2P
Temperature Compensated Amplifier 4 GHz - 8 GHz
CPA-8-4002 TELEDYNE-CPA-8-4002 Datasheet
894Kb / 2P
Amplifier 4 GHz - 8 GHz
CPA-8-4004 TELEDYNE-CPA-8-4004 Datasheet
892Kb / 2P
Amplifier 4 GHz - 8 GHz
CPT-8-4003 TELEDYNE-CPT-8-4003 Datasheet
892Kb / 2P
Temperature Compensated Amplifier 4 GHz - 8 GHz
TGM-08-4001 TELEDYNE-TGM-08-4001 Datasheet
898Kb / 2P
Module Amplifier 4 GHz - 8 GHz
CGM-08-4001 TELEDYNE-CGM-08-4001 Datasheet
914Kb / 2P
Module Amplifier 4 GHz - 8 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com