Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CPA-13-6025 Datasheet (PDF) - Teledyne Technologies Incorporated

CPA-13-6025 Datasheet PDF - Teledyne Technologies Incorporated
Part # CPA-13-6025
Download  CPA-13-6025 Download
File Size   876.13 Kbytes
Page   2 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Power Amplifier 6 GHz - 13 GHz

CPA-13-6025 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPA-13-6025 Datasheet PDF - Teledyne Technologies Incorporated

Part # CPA-13-6025
Download  CPA-13-6025 Click to download

File Size   876.13 Kbytes
Page   2 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Power Amplifier 6 GHz - 13 GHz

CPA-13-6025 Datasheet (HTML) - Teledyne Technologies Incorporated


CPA-13-6025 Product details

Power Amplifier 6 GHz - 13 GHz

This Power Amplifier offers exceptional performance over the band 6 GHz to 13 GHz with 27 dBm P1dB output power and 24 dB Gain.

Teledyne Microwave amplifiers are balanced or feedback designs and manufactured with the latest MIC & MMIC technology. The GaAs FET’s used in these amplifiers are well established proven devices from multiple sources.

Teledyne Microwave offers a complete line of Narrow and broadband Amplifiers covering the frequency range 500 MHz to 40 GHz. These products are available in either connectorized packages or as modules. For a complete list of these products and more, please visit our website.

Other products from Teledyne Microwave include: Transceivers, Synthesizers, and YIG Products




Similar Part No. - CPA-13-6025

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CPA-13-6026 TELEDYNE-CPA-13-6026 Datasheet
876Kb / 2P
Power Amplifier 6 GHz - 13 GHz
CPA-13-6027 TELEDYNE-CPA-13-6027 Datasheet
876Kb / 2P
Power Amplifier 6 GHz - 13 GHz
More results


Similar Description - CPA-13-6025

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CPA-13-6005 TELEDYNE-CPA-13-6005 Datasheet
892Kb / 2P
Amplifier 6 GHz - 13 GHz
CPA-13-6015 TELEDYNE-CPA-13-6015 Datasheet
892Kb / 2P
Amplifier 6 GHz - 13 GHz
CPA-13-6016 TELEDYNE-CPA-13-6016 Datasheet
892Kb / 2P
Amplifier 6 GHz - 13 GHz
CPA-13-6026 TELEDYNE-CPA-13-6026 Datasheet
876Kb / 2P
Power Amplifier 6 GHz - 13 GHz
CPA-13-6027 TELEDYNE-CPA-13-6027 Datasheet
876Kb / 2P
Power Amplifier 6 GHz - 13 GHz
CPA-13-6035 TELEDYNE-CPA-13-6035 Datasheet
876Kb / 2P
Power Amplifier 6 GHz - 13 GHz
TPA-13-6014 TELEDYNE-TPA-13-6014 Datasheet
889Kb / 2P
Amplifier 6 GHz - 13 GHz
TPA-13-6015 TELEDYNE-TPA-13-6015 Datasheet
887Kb / 2P
Power Amplifier 6 GHz - 13 GHz
TPA-13-6016 TELEDYNE-TPA-13-6016 Datasheet
887Kb / 2P
Amplifier 6 GHz - 13 GHz
TPA-13-6035 TELEDYNE-TPA-13-6035 Datasheet
871Kb / 2P
Power Amplifier 6 GHz - 13 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com