Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SIZF360DT Datasheet (PDF) - Vishay Siliconix

SIZF360DT Datasheet PDF - Vishay Siliconix
Part # SIZF360DT
Download  SIZF360DT Download
File Size   344.2 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode

SIZF360DT Datasheet (PDF)

Go To PDF Page Download Datasheet
SIZF360DT Datasheet PDF - Vishay Siliconix

Part # SIZF360DT
Download  SIZF360DT Click to download

File Size   344.2 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode

SIZF360DT Datasheet (HTML) - Vishay Siliconix


SIZF360DT Product details

• TrenchFET® Gen IV power MOSFET
• SkyFET® low side MOSFET with integrated Schottky
• 100 % Rg and UIS tested
• Double cooled feature provides additional
avenue for thermal transfer
• Internally connected half-bridge configuration in
3.3 mm-by-3.3 mm footprint




Similar Part No. - SIZF360DT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIZF300DT VISHAY-SIZF300DT Datasheet
264Kb / 13P
Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
30-Apr-2018
SIZF300DT-T1-GE3 VISHAY-SIZF300DT-T1-GE3 Datasheet
264Kb / 13P
Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
30-Apr-2018
More results


Similar Description - SIZF360DT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4818DY VISHAY-SI4818DY Datasheet
68Kb / 8P
Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
26-May-03
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
09-Aug-04
SI4854DY VISHAY-SI4854DY Datasheet
53Kb / 5P
Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
16-Apr-01
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
26-May-03
SI4834BDY VISHAY-SI4834BDY Datasheet
93Kb / 7P
Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
29-Dec-03
SI4650DY VISHAY-SI4650DY Datasheet
155Kb / 12P
Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-Jan-10
SIZ980BDT VISHAY-SIZ980BDT Datasheet
239Kb / 14P
Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
27-Jan-2020
SI7872DP VISHAY-SI7872DP_V01 Datasheet
149Kb / 10P
Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
08-Sep-08
SI4814BDY VISHAY-SI4814BDY_V01 Datasheet
199Kb / 12P
Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
09-Mar-09
SI4916DY VISHAY-SI4916DY_V01 Datasheet
196Kb / 12P
Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
06-Apr-09
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com