Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IN74AC533DW Datasheet (PDF) - Integral Corp.

IN74AC533DW Datasheet PDF - Integral Corp.
Part # IN74AC533DW
Download  IN74AC533DW Download
File Size   213.51 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description Octal 3-State Inverting Transparent Latch High-Speed Silicon-Gate CMOS

IN74AC533DW Datasheet (PDF)

Go To PDF Page Download Datasheet
IN74AC533DW Datasheet PDF - Integral Corp.

Part # IN74AC533DW
Download  IN74AC533DW Click to download

File Size   213.51 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description Octal 3-State Inverting Transparent Latch High-Speed Silicon-Gate CMOS

IN74AC533DW Datasheet (HTML) - Integral Corp.


IN74AC533DW Product details

The IN74AC533 is identical in pinout to the LS/ALS533, HC/HCT533. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALS outputs.
These latches appear transparent to data (i.e., the outputs change asynchronously) when Latch Enable is high. The data appears as the outputs in inverted form. When Latch Enable goes low, data meeting the setup and hold time becomes latched.
The Output Enable input does not affect the state of the latches, but when Output Enable is high, all device outputs are forced to the highimpedance state. Thus, data may be latched even when the outputs are not enabled.

• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• High Noise Immunity Characteristic of CMOS Devices
• Outputs Source/Sink 24 mA
• 3-State Outputs for Bus Interfacing




Similar Part No. - IN74AC533DW

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74AC533DW IKSEMICON-IN74AC533DW Datasheet
250Kb / 6P
Octal 3-State Inverting Transparent Latch High-Speed Silicon-Gate CMOS
More results


Similar Description - IN74AC533DW

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC533 SLS-SL74HC533 Datasheet
57Kb / 6P
Octal 3-State Inverting Transparent Latch(High-Performance Silicon-Gate CMOS)
logo
Motorola, Inc
MC54HC533A MOTOROLA-MC54HC533A Datasheet
92Kb / 7P
OCTAL 3-STATE INVERTING TRANSPARENT LATCH HIGH-PERFORMANCE SILICON-GATE CMOS
logo
KODENSHI_AUK CORP.
KK74AC373 KODENSHI-KK74AC373 Datasheet
353Kb / 6P
Octal 3-State Noninverting Transparent Latch High-Speed Silicon-Gate CMOS
KK74AC533 KODENSHI-KK74AC533 Datasheet
338Kb / 6P
Octal 3-State Inverting Transparent Latch High-Speed Silicon-Gate CMOS
KK74ACT533 KODENSHI-KK74ACT533 Datasheet
306Kb / 6P
Octal 3-State Inverting Transparent Latch High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC533A IKSEMICON-IN74HC533A Datasheet
316Kb / 7P
Octal 3-State Inverting Transparent Latch High-Performance Silicon-Gate CMOS
IN74AC373 IKSEMICON-IN74AC373 Datasheet
258Kb / 6P
Octal 3-State Noninverting Transparent Latch High-Speed Silicon-Gate CMOS
IN74AC533 IKSEMICON-IN74AC533 Datasheet
250Kb / 6P
Octal 3-State Inverting Transparent Latch High-Speed Silicon-Gate CMOS
IN74ACT373 IKSEMICON-IN74ACT373 Datasheet
338Kb / 6P
Octal 3-State Noninverting Transparent Latch High-Speed Silicon-Gate CMOS
IN74ACT533 IKSEMICON-IN74ACT533 Datasheet
296Kb / 6P
Octal 3-State Inverting Transparent Latch High-Speed Silicon-Gate CMOS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com