Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PMS10-SC-NG Datasheet (PDF) - ETA-USA

PMS10-SC-NG Datasheet PDF - ETA-USA
Part # PMS10-SC-NG
Download  PMS10-SC-NG Download
File Size   490.12 Kbytes
Page   4 Pages
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA
Description DC/DC SWITCHING POWER SUPPLY DC INPUT 5,24 SINGLE OUTPUT 10 WATTS

PMS10-SC-NG Datasheet (PDF)

Go To PDF Page Download Datasheet
PMS10-SC-NG Datasheet PDF - ETA-USA

Part # PMS10-SC-NG
Download  PMS10-SC-NG Click to download

File Size   490.12 Kbytes
Page   4 Pages
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA
Description DC/DC SWITCHING POWER SUPPLY DC INPUT 5,24 SINGLE OUTPUT 10 WATTS

PMS10-SC-NG Datasheet (HTML) - ETA-USA


PMS10-SC-NG Product details

Conditions:
*1 At Rated input voltage, Rated output current, Operating temp. 25℃
*2 At operating temp. -20~+71℃
*3 Possible by inserting appointed resistor at outside.
*4 Load should be reduced for operation at 55℃ or above at convection cooling, and at 70℃ or above
at forced air cooling.
*5 Peak current is within 10minutes.




Similar Part No. - PMS10-SC-NG

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
PMS12 ALPHAWIRE-PMS12 Datasheet
111Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
02/27/2018
PMS12 ALPHAWIRE-PMS12_V01 Datasheet
402Kb / 2P
RoHS-Compliant Commencing With 1/1/2017 Production
logo
PADAUK Technology.
PMS130-D08 PADAUK-PMS130-D08 Datasheet
1Mb / 86P
12-bit ADC Enhanced 8-bit Controller
PMS130-M10 PADAUK-PMS130-M10 Datasheet
1Mb / 86P
12-bit ADC Enhanced 8-bit Controller
PMS130-S08 PADAUK-PMS130-S08 Datasheet
1Mb / 86P
12-bit ADC Enhanced 8-bit Controller
More results


Similar Description - PMS10-SC-NG

ManufacturerPart #DatasheetDescription
logo
ETA-USA
ERS-SA ETA-USA-ERS-SA Datasheet
837Kb / 3P
AC/DC SWITCHING POWER SUPPLY INPUT: 85~132VAC SINGLE OUTPUT 10 WATTS
OCH10D ETA-USA-OCH10D Datasheet
346Kb / 5P
DC/DC SWITCHING POWER SUPPLY DUAL CHANNEL OUTPUT 10 WATTS
OCH10S ETA-USA-OCH10S Datasheet
348Kb / 5P
DC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 10 WATTS
OCH20S ETA-USA-OCH20S Datasheet
487Kb / 6P
DC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 20 WATTS
PMJ1.5-SC-NG ETA-USA-PMJ1.5-SC-NG Datasheet
385Kb / 3P
DC/DC SWITCHING POWER SUPPLY DC INPUT 5,12,24,48 SINGLE OUTPUT 1.5 WATTS
PMQ3-SC-NG ETA-USA-PMQ3-SC-NG Datasheet
389Kb / 3P
DC/DC SWITCHING POWER SUPPLY DC INPUT 5,12,24,48 SINGLE OUTPUT 3 WATTS
PMR6-SC-NG ETA-USA-PMR6-SC-NG Datasheet
393Kb / 3P
DC/DC SWITCHING POWER SUPPLY DC INPUT 5,12,24,48 SINGLE OUTPUT 6 WATTS
RS-SB ETA-USA-RS-SB Datasheet
720Kb / 3P
AC/DC SWITCHING POWER SUPPLY INPUT: 170~264VAC SINGLE OUTPUT 10 WATTS
VTS-SA ETA-USA-VTS-SA Datasheet
1Mb / 4P
AC/DC SWITCHING POWER SUPPLY INPUT: 85~132VAC SINGLE OUTPUT 10 WATTS
VTS-SB ETA-USA-VTS-SB Datasheet
1Mb / 3P
AC/DC SWITCHING POWER SUPPLY INPUT: 170~264VAC SINGLE OUTPUT 10 WATTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com