Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F280039C Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TMS320F280039C Datasheet PDF - Texas Instruments
Part # TMS320F280039C
Download  TMS320F280039C Download
File Size   6107.97 Kbytes
Page   250 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMS320F28003x Real-Time Microcontrollers

TMS320F280039C Datasheet (PDF)

Go To PDF Page Download Datasheet
TMS320F280039C Datasheet PDF - Texas Instruments

Part # TMS320F280039C
Download  TMS320F280039C Click to download

File Size   6107.97 Kbytes
Page   250 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMS320F28003x Real-Time Microcontrollers

TMS320F280039C Datasheet (HTML) - Texas Instruments


TMS320F280039C Product details

1 Features
• TMS320C28x 32-bit DSP core at 120 MHz
– IEEE 754 Floating-Point Unit (FPU)
• Support for Fast Integer Division (FINTDIV)
– Trigonometric Math Unit (TMU)
• Support for Nonlinear Proportional Integral
Derivative (NLPID) control
– CRC Engine and Instructions (VCRC)
– Ten hardware breakpoints (with ERAD)
• Programmable Control Law Accelerator (CLA)
– 120 MHz
– IEEE 754 single-precision floating-point
instructions
– Executes code independently of main CPU
• On-chip memory
– 384KB (192KW) of flash (ECC-protected)
across three independent banks
– 69KB (34.5KW) of RAM (ECC-protected)
– Dual-zone security
– Secure Boot and JTAG Lock
• Clock and system control
– Two internal 10-MHz oscillators
– Crystal oscillator or external clock input
– Windowed watchdog timer module
– Missing clock detection circuitry
– Dual-clock Comparator (DCC)
• 3.3-V I/O design
– Internal VREG generation allows for singlesupply design
– Brownout reset (BOR) circuit
• System peripherals
– 6-channel Direct Memory Access (DMA) controller
– 55 individually programmable multiplexed
General-Purpose Input/Output (GPIO) pins
– 23 digital inputs on analog pins
– 2 digital inputs/outputs on analog pins (AGPIO)
– Enhanced Peripheral Interrupt Expansion (ePIE)
– Multiple low-power mode (LPM) support
– Embedded Real-time Analysis and Diagnostic (ERAD)
– Unique Identification (UID) number
• Communications peripherals
– One Power-Management Bus (PMBus) interface
– Two Inter-integrated Circuit (I2C) interfaces
– One Controller Area Network (CAN/DCAN) bus port
– One Controller Area Network with Flexible
Data-Rate (CAN FD/MCAN) bus port
– Two Serial Peripheral Interface (SPI) ports
– Two UART-compatible Serial Communication Interface (SCI)
– Two UART-compatible Local Interconnect
Network (LIN) interfaces
– Fast Serial Interface (FSI) with one transmitter and one receiver (up to 200Mbps)
• Analog system
– Three 4-MSPS, 12-bit Analog-to-Digital Converters (ADCs)
• Up to 23 external channels (includes the two gpdac outputs)
• Four integrated Post-Processing Blocks (PPB) per ADC
– Four windowed comparators (CMPSS) with 12-bit reference Digital-to-Analog Converters (DACs)
• Digital glitch filters
– Two 12-bit buffered DAC outputs
• Enhanced control peripherals
– 16 ePWM channels with eight channels that have high-resolution capability (150-ps resolution)
• Integrated dead-band support
• Integrated hardware trip zones (TZs)
– Three Enhanced Capture (eCAP) modules
• High-resolution Capture (HRCAP) available
on one of the three eCAP modules
– Two Enhanced Quadrature Encoder Pulse (eQEP) modules with support for CW/CCW operation modes
– Eight Sigma-Delta Filter Module (SDFM) input channels (two parallel filters per channel)
• Standard SDFM data filtering
• Comparator filter for fast action for overvalue or undervalue condition
– Embedded Pattern Generator (EPG)
• Configurable Logic Block (CLB)
– 4 tiles
– Augments existing peripheral capability
– Supports position manager solutions
• Host Interface Controller (HIC)
– Access to internal memory from an external host
• Background CRC (BGCRC)
– One cycle CRC computation on 32 bits of data
• Advanced Encryption Standard (AES) accelerator
• Live Firmware Update (LFU)
– Fast context switching from old to new firmware
– Flash bank erase time improvements
• Diagnostic features
– Memory Power On Self Test (MPOST)
– Hardware Built-in Self Test (HWBIST)
• Package options:
– 100-pin Low-profile Quad Flatpack (LQFP) [PZ suffix]
– 80-pin Low-profile Quad Flatpack (LQFP) [PN suffix]
– 64-pin (LQFP) [PM suffix]
– 48-pin (LQFP) [PT suffix]
• Temperature options:
– Free-air (TA): –40°C to 125°C
– Junction (TJ): –40°C to 150°C




Similar Part No. - TMS320F280039C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F280039C TI-TMS320F280039C Datasheet
5Mb / 255P
TMS320F28003x Real-Time Microcontrollers
OCTOBER 2021
TMS320F280039C TI-TMS320F280039C Datasheet
5Mb / 250P
TMS320F28003x Real-Time Microcontrollers
MARCH 2022
TMS320F280039C TI-TMS320F280039C Datasheet
6Mb / 250P
TMS320F28003x Real-Time Microcontrollers
REVISED MARCH 2022
TMS320F280039C TI-TMS320F280039C Datasheet
6Mb / 253P
TMS320F28003x Real-Time Microcontrollers
REVISED MARCH 2022
TMS320F280039C TI-TMS320F280039C Datasheet
6Mb / 255P
TMS320F28003x Real-Time Microcontrollers
REVISED MARCH 2022
More results


Similar Description - TMS320F280039C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F280039C TI-TMS320F280039C Datasheet
5Mb / 255P
TMS320F28003x Real-Time Microcontrollers
OCTOBER 2021
TMS320F280039C TI-TMS320F280039C_V01 Datasheet
5Mb / 250P
TMS320F28003x Real-Time Microcontrollers
MARCH 2022
TMS320F280039C TI-TMS320F280039C_V03 Datasheet
6Mb / 250P
TMS320F28003x Real-Time Microcontrollers
REVISED MARCH 2022
TMS320F280039C TI-TMS320F280039C_V04 Datasheet
6Mb / 253P
TMS320F28003x Real-Time Microcontrollers
REVISED MARCH 2022
TMS320F280039C TI-TMS320F280039C_V05 Datasheet
6Mb / 255P
TMS320F28003x Real-Time Microcontrollers
REVISED MARCH 2022
TMS320F280039C TI-TMS320F280039C_V06 Datasheet
5Mb / 254P
TMS320F28003x Real-Time Microcontrollers
REVISED NOVEMBER 2022
TMS320F2800157-Q1 TI-TMS320F2800157-Q1_V01 Datasheet
5Mb / 232P
TMS320F280015x Real-Time Microcontrollers
REVISED JULY 2023
TMS320F280039C TI1-TMS320F280039C_V07 Datasheet
5Mb / 254P
TMS320F28003x Real-Time Microcontrollers
REVISED NOVEMBER 2022
TMS320F280039C TI1-TMS320F280039C_V08 Datasheet
5Mb / 254P
TMS320F28003x Real-Time Microcontrollers
REVISED NOVEMBER 2022
TMS320F2800137 TI-TMS320F2800137_V07 Datasheet
4Mb / 209P
TMS320F280013x Real-Time Microcontrollers
REVISED MARCH 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com