Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BWC-SX Datasheet (PDF) - ETA-USA

BWC-SX Datasheet PDF - ETA-USA
Part # BWC-SX
Download  BWC-SX Download
File Size   285.95 Kbytes
Page   3 Pages
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA
Description 75 WATT AC-DC CONVERTER

BWC-SX Datasheet (PDF)

Go To PDF Page Download Datasheet
BWC-SX Datasheet PDF - ETA-USA

Part # BWC-SX
Download  BWC-SX Click to download

File Size   285.95 Kbytes
Page   3 Pages
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA
Description 75 WATT AC-DC CONVERTER

BWC-SX Datasheet (HTML) - ETA-USA


BWC-SX Product details

Input Voltage AC100/230V
Input Current 1.7A at AC100V/0.9A at 230V
Input Range AC85-264V(DC110-350V)
Input Frequency 50/60Hz
Input Frequency Range 47-440Hz
Phase Single
Inrush Current *1 20A(maximum) at AC115V/40A(maximum) at AC230V




Similar Part No. - BWC-SX

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
BWC-1MRSFRSB02 BANNER-BWC-1MRSFRSB02 Datasheet
96Kb / 1P
Antenna Kit BWA-ANTKIT-005
BWC-1MRSFRSB02 BANNER-BWC-1MRSFRSB02 Datasheet
100Kb / 1P
Antenna Kit BWA-ANTKIT-003
BWC-1MRSFRSB02 BANNER-BWC-1MRSFRSB02 Datasheet
97Kb / 1P
Antenna Kit BWA-ANTKIT-002
BWC-1MRSFRSB4 BANNER-BWC-1MRSFRSB4 Datasheet
96Kb / 1P
Antenna Kit BWA-ANTKIT-005
BWC-1MRSFRSB4 BANNER-BWC-1MRSFRSB4 Datasheet
100Kb / 1P
Antenna Kit BWA-ANTKIT-003
More results


Similar Description - BWC-SX

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEO75 AIMTEC-AMEO75 Datasheet
312Kb / 2P
75 Watt (Open Frame) AC/DC Converter
logo
ETA-USA
BNC-SA ETA-USA-BNC-SA Datasheet
266Kb / 3P
75 WATT AC-DC CONVERTER
ERB-SZ ETA-USA-ERB-SZ Datasheet
287Kb / 2P
75 WATT AC-DC CONVERTER
PFC-SX ETA-USA-PFC-SX Datasheet
917Kb / 5P
75 WATT AC-DC CONVERTER
VTC-SB ETA-USA-VTC-SB Datasheet
307Kb / 3P
75 WATT AC-DC CONVERTER
VTC-SZ ETA-USA-VTC-SZ Datasheet
191Kb / 2P
75 WATT AC-DC CONVERTER
VTC05SA ETA-USA-VTC05SA Datasheet
309Kb / 3P
75 WATT AC-DC CONVERTER
VTL-FWA ETA-USA-VTL-FWA Datasheet
301Kb / 3P
75 WATT AC-DC CONVERTER
VTL-FWB ETA-USA-VTL-FWB Datasheet
131Kb / 1P
75 WATT AC-DC CONVERTER
WRC-SX ETA-USA-WRC-SX Datasheet
468Kb / 4P
75 WATT AC/DC CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com