Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1019471 Datasheet (PDF) - PHOENIX CONTACT

1019471 Datasheet PDF - PHOENIX CONTACT
Part # 1019471
Download  1019471 Download
File Size   454.13 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTVFIX 2X2,5 BK

1019471 Datasheet (PDF)

Go To PDF Page Download Datasheet
1019471 Datasheet PDF - PHOENIX CONTACT

Part # 1019471
Download  1019471 Click to download

File Size   454.13 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTVFIX 2X2,5 BK

1019471 Datasheet (HTML) - PHOENIX CONTACT


1019471 Product details

Distribution block, nominal current: 24 A, connection method: Push-in connection, 1 level, Rated cross section: 2.5 mm2, cross section: 0.14 mm2 - 4 mm2, mounting type: for snapping onto a DIN rail adapter, Direct mounting with flange, Free-hanging, color: black

Your advantages
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting




Similar Part No. - 1019471

ManufacturerPart #DatasheetDescription
logo
Heyco.
10194 HEYCO-10194 Datasheet
115Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
Lapp.
10194100 LAPP-10194100 Datasheet
199Kb / 2P
EPIC® H-BE 16 SS / H-BE 16 BS
31.05.2023
logo
SICK AG
1019414 SICK-1019414 Datasheet
209Kb / 4P
Deflector mirrors
2024-05-15 00:17:11
logo
PHOENIX CONTACT
1019420 PHOENIX-1019420 Datasheet
187Kb / 5P
SCC 5 - Shield connection terminal block
1019421 PHOENIX-1019421 Datasheet
187Kb / 5P
SCC 10 - Shield connection terminal block
More results


Similar Description - 1019471

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1019459 PHOENIX-1019459 Datasheet
456Kb / 18P
Distribution block - PTVFIX 2X2,5 GY
May 13, 2022
1019460 PHOENIX-1019460 Datasheet
454Kb / 17P
Distribution block - PTVFIX 2X2,5 BU
May 13, 2022
1019463 PHOENIX-1019463 Datasheet
454Kb / 17P
Distribution block - PTVFIX 2X2,5 RD
May 13, 2022
1019466 PHOENIX-1019466 Datasheet
453Kb / 17P
Distribution block - PTVFIX 2X2,5 GN
May 13, 2022
1028074 PHOENIX-1028074 Datasheet
662Kb / 30P
Distribution block - PTFIX 2X2,5 BK
Jun 2, 2022
1019576 PHOENIX-1019576 Datasheet
470Kb / 18P
Distribution block - PTVFIX 12X2,5 BK
Jul 29, 2022
1019581 PHOENIX-1019581 Datasheet
473Kb / 18P
Distribution block - PTVFIX 18X2,5 BK
Jul 29, 2022
1019569 PHOENIX-1019569 Datasheet
465Kb / 18P
Distribution block - PTVFIX 6X2,5 BK
Jul 29, 2022
1019612 PHOENIX-1019612 Datasheet
473Kb / 19P
Distribution block - PTVFIX 6/12X2,5 BK
Jul 29, 2022
1186866 PHOENIX-1186866 Datasheet
394Kb / 15P
Distribution block - PTVFIX 12X2,5-G BK
Jul 21, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com