Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EPF400-380 Datasheet (PDF) - ETA-USA

EPF400-380 Datasheet PDF - ETA-USA
Part # EPF400-380
Download  EPF400-380 Download
File Size   4419.08 Kbytes
Page   5 Pages
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA
Description 400W Power Supply

EPF400-380 Datasheet (PDF)

Go To PDF Page Download Datasheet
EPF400-380 Datasheet PDF - ETA-USA

Part # EPF400-380
Download  EPF400-380 Click to download

File Size   4419.08 Kbytes
Page   5 Pages
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA
Description 400W Power Supply

EPF400-380 Datasheet (HTML) - ETA-USA


EPF400-380 Product details

• PFC Unit for ET-series
• Power Factor 0.99 at AC240V Input
• High Efficiency 95% in AC240V input by Convection Cooling
• Wide Range Input (AC85-264V)




Similar Part No. - EPF400-380

ManufacturerPart #DatasheetDescription
logo
ETA-USA
EPF-28SC28-A ETA-USA-EPF-28SC28-A Datasheet
184Kb / 3P
280 WATT DC-DC Converters
logo
Altera Corporation
EPF10K10 ALTERA-EPF10K10 Datasheet
1Mb / 128P
Embedded Programmable Logic Device Family
EPF10K10 ALTERA-EPF10K10 Datasheet
456Kb / 34P
1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPF10K10 ALTERA-EPF10K10 Datasheet
1Mb / 128P
Embedded Programmable Logic Device Family
EPF10K10 ALTERA-EPF10K10 Datasheet
1Mb / 128P
Embedded Programmable Logic Device Family
More results


Similar Description - EPF400-380

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMPC-400 TRUMPOWER-TMPC-400 Datasheet
29Kb / 1P
400W ATX PC Power Supply
logo
BOSER Technology Co., L...
ARI-6400F BOSER-ARI-6400F Datasheet
79Kb / 1P
400W Redundant Power Supply
logo
Dubilier
ZKS-400WX-A DUBILIER-ZKS-400WX-A Datasheet
64Kb / 1P
400W AC-DC ATX Power Supply supports 400W AC-DC ATX Power Supply supports
logo
List of Unclassifed Man...
R1J-400I1H2A0 ETC2-R1J-400I1H2A0 Datasheet
735Kb / 12P
400W400W Redundant Power Supply
R4S-400G1V2 ETC2-R4S-400G1V2 Datasheet
319Kb / 13P
400W400W Mini Redundant Power Supply
EFRP-2400 ETC2-EFRP-2400 Datasheet
286Kb / 2P
ERP2U 400W Server Power Supply
EFRP-G2400 ETC2-EFRP-G2400 Datasheet
438Kb / 2P
2U 400W Server Power Supply
logo
MicroPower Direct, LLC
MPU-400D MPD-MPU-400D Datasheet
1Mb / 4P
Compact 400W Supply
logo
Tumbler Technologies + ...
TIPC400-FX TRUMPOWER-TIPC400-FX Datasheet
150Kb / 1P
400W FlexATX IPC Power Supply
logo
Advantech Co., Ltd.
96PS-A400WFX-2 ADVANTECH-96PS-A400WFX-2 Datasheet
414Kb / 2P
400W Flex ATX Power Supply
27-Jun-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com