Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AZ5125-02F.R7GR Datasheet (PDF) - AMAZING Microelectronic Corp.

AZ5125-02F.R7GR Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZ5125-02F.R7GR
Download  AZ5125-02F.R7GR Download
File Size   199.26 Kbytes
Page   7 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection

AZ5125-02F.R7GR Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ5125-02F.R7GR Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZ5125-02F.R7GR
Download  AZ5125-02F.R7GR Click to download

File Size   199.26 Kbytes
Page   7 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection

AZ5125-02F.R7GR Datasheet (HTML) - AMAZING Microelectronic Corp.


AZ5125-02F.R7GR Product details

Features
 ESD Protect for 2 Lines with Bi-directional
 Provide ESD protection for the protected line to
IEC 61000-4-2 (ESD) ±15kV (air), ±15kV (contact)
IEC 61000-4-4 (EFT) 50A (5/50ns)
Cable Discharge Event (CDE)
 Ultra-small DFN1006P3X package
(1.0mmx0.6mmx0.45mm) saves board space
 Protect two I/O lines or two power lines
 Fast turn-on and Low clamping voltage
 Low operating voltage: 5V maximum
 Solid-state silicon-avalanche and active circuit
triggering technology
 Green Part
Applications
 Mobile Phones
 Hand Held Portable Applications
 Computer Interfaces Protection
 Microprocessors Protection
 Serial and Parallel Ports Protection
 Control Signal Lines Protection
 Power lines on PCB Protection
 Latchup Protection
Description
AZ5125-02F is a design which includes two
bi-directional ESD rated clamping cells to protect
two power lines, or two control lines, or two low
speed data lines in an electronic systems. The
AZ5125-02F has been specifically designed to
protect sensitive components which are
connected to power and control lines from
over-voltage damage and latch-up caused by
Electrostatic Discharging (ESD), Electrical Fast
Transients (EFT), and Cable Discharge Event
(CDE).
AZ5125-02F is a unique design which includes
proprietary clamping cells in a single package.
During transient conditions, the proprietary
clamping cells prevent over-voltage on the power
lines or control/data lines, protecting any
downstream components.
AZ5125-02F is bi-directional and may be used on
lines where the signal swings above and below
ground.
AZ5125-02F may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(±15kV air, ±8kV contact discharge).




Similar Part No. - AZ5125-02F.R7GR

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ5125-02S AMAZING-AZ5125-02S Datasheet
177Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/07/28
AZ5125-02S.R7G AMAZING-AZ5125-02S.R7G Datasheet
177Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/07/28
More results


Similar Description - AZ5125-02F.R7GR

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ4A12-01F AMAZING-AZ4A12-01F Datasheet
180Kb / 7P
Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection
Revision 2016/02/25
AZ4A18-01F AMAZING-AZ4A18-01F Datasheet
244Kb / 7P
Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection
Revision 2015/12/29
AZ4A20-01F AMAZING-AZ4A20-01F Datasheet
238Kb / 7P
Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection
Revision 2015/12/11
AZ4A24-01F AMAZING-AZ4A24-01F Datasheet
275Kb / 7P
Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection
Revision 2015/12/03
AZ5A75-01F AMAZING-AZ5A75-01F Datasheet
162Kb / 7P
Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection
Revision 2018/03/19
AZ4212-01F AMAZING-AZ4212-01F Datasheet
154Kb / 7P
Transient Voltage Suppressing Device Tiny Package For ESD/Transient Protection
Revision 2014/12/24
AZ4233-01F AMAZING-AZ4233-01F Datasheet
166Kb / 7P
Transient Voltage Suppressing Device Tiny Package For ESD/Transient Protection
Revision 2019/05/31
AZ5123-02F AMAZING-AZ5123-02F Datasheet
225Kb / 7P
Transient Voltage Suppressing Device Tiny Package For ESD/Transient Protection
Revision 2018/03/14
AZ6112-01F AMAZING-AZ6112-01F Datasheet
155Kb / 7P
Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection
Revision 2015/04/28
AZ9513-01F AMAZING-AZ9513-01F Datasheet
101Kb / 6P
Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection
Revision 2015/07/29
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com