Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AZ6118-01F.R7GR Datasheet (PDF) - AMAZING Microelectronic Corp.

AZ6118-01F.R7GR Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZ6118-01F.R7GR
Download  AZ6118-01F.R7GR Download
File Size   152.63 Kbytes
Page   6 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Low Voltage Transient Voltage Suppressing Device 0402 DFN Package for ESD/Surge Protection

AZ6118-01F.R7GR Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ6118-01F.R7GR Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZ6118-01F.R7GR
Download  AZ6118-01F.R7GR Click to download

File Size   152.63 Kbytes
Page   6 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Low Voltage Transient Voltage Suppressing Device 0402 DFN Package for ESD/Surge Protection

AZ6118-01F.R7GR Datasheet (HTML) - AMAZING Microelectronic Corp.


AZ6118-01F.R7GR Product details

Features
 ESD Protection for 1 line with Unidirectional
 Provide ESD protection for the protected line to
IEC 61000-4-2 (ESD) ±30kV (air/contact)
IEC 61000-4-4 (EFT) 80A (5/50ns)
IEC 61000-4-5 (Lightning) 15A (8/20ms)
 For low operating voltage applications: 1.8V
 0402 small DFN package saves board space
 Protect one I/O line or power line
 Fast turn-on and low clamping voltage
 Solid-state silicon-avalanche and active circuit
triggering technology
 Green part
Applications
 Mobile Phones
 Hand Held Portable Applications
 Computer Interfaces Protection
 Microprocessors Protection
 Serial and Parallel Ports Protection
 Control Signal Lines Protection
 Power lines on PCB Protection
 Latchup Protection
Description
AZ6118-01F is a design which includes one
unidirectional surge rated clamping cell to protect
one power line, or one control line, or one low
speed data line in an electronic system. The
AZ6118-01F has been specifically designed to
protect sensitive components which are
connected to power and control lines from
over-voltage damage caused by Electrostatic
Discharging (ESD), Electrical Fast Transients
(EFT), Lightning, and Cable Discharge Event
(CDE).
AZ6118-01F is a unique design which includes
proprietary clamping cell in a single package.
During transient conditions, the proprietary
clamping cell prevents over-voltage on the power
line or control/data lines, protecting any
downstream components.
AZ6118-01F may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(±15kV air, ±8kV contact discharge).




Similar Part No. - AZ6118-01F.R7GR

ManufacturerPart #DatasheetDescription
logo
Eltime Ltd.
AZ611 TEMPATRON-AZ611 Datasheet
76Kb / 1P
DIGITAL TEMPERATURE CONTROLLERS
logo
AMAZING Microelectronic...
AZ6112-01F AMAZING-AZ6112-01F Datasheet
155Kb / 7P
Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection
Revision 2015/04/28
AZ6112-01F.R7GR AMAZING-AZ6112-01F.R7GR Datasheet
155Kb / 7P
Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection
Revision 2015/04/28
More results


Similar Description - AZ6118-01F.R7GR

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ5H33-01F AMAZING-AZ5H33-01F Datasheet
133Kb / 6P
Transient Voltage Suppressing Device 0402 DFN Package for ESD/Surge Protection
Revision 2019/07/22
AZ5815-01F AMAZING-AZ5815-01F Datasheet
246Kb / 6P
Transient Voltage Suppressing Device 0402 DFN Package for ESD/Surge Protection
Revision 2017/08/28
AZ5825-01F AMAZING-AZ5825-01F Datasheet
121Kb / 7P
Transient Voltage Suppressing Device 0402 DFN Pacakge for ESD/Surge Protection
Revision 2015/01/29
AZ5845-01F AMAZING-AZ5845-01F Datasheet
155Kb / 7P
Transient Voltage Suppressing Device 0402 DFN Package for ESD/Surge Protection
Revision 2019/05/03
AZ5883-01F AMAZING-AZ5883-01F Datasheet
143Kb / 6P
Transient Voltage Suppressing Device 0402 DFN Pacakge for ESD/Surge Protection
Revision 2017/04/25
AZ6225-01F AMAZING-AZ6225-01F Datasheet
293Kb / 7P
Low Voltage Transient Voltage Suppressing Device 0402 DFN Package for ESD/Surge Protection
Revision 2014/12/03
AZ6518-01F AMAZING-AZ6518-01F Datasheet
135Kb / 6P
Low Voltage Transient Voltage Suppressing Device DFN Package for ESD/Surge Protection
Revision 2017/05/15
AZ9585-01F AMAZING-AZ9585-01F Datasheet
140Kb / 6P
Transient Voltage Suppressing Device 0402 DFN Package for ESD/Surge Protection
Revision 2015/12/04
AZ9625-01F AMAZING-AZ9625-01F Datasheet
124Kb / 6P
Low Voltage Transient Voltage Suppressing Device 0402 DFN Package for ESD/Surge Protection
Revision 2015/11/23
AZ9808-01F AMAZING-AZ9808-01F Datasheet
139Kb / 6P
Transient Voltage Suppressing Device 0402 DFN Package for ESD Protection
Revision 2015/11/02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com