Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC34905CS3EK/R2 Datasheet (PDF) - NXP Semiconductors

MC34905CS3EK/R2 Datasheet PDF - NXP Semiconductors
Part # MC34905CS3EK/R2
Download  MC34905CS3EK/R2 Download
File Size   4536.55 Kbytes
Page   16 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description System Basis Chip with CAN High Speed and LIN Interface

MC34905CS3EK/R2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC34905CS3EK/R2 Datasheet PDF - NXP Semiconductors

Part # MC34905CS3EK/R2
Download  MC34905CS3EK/R2 Click to download

File Size   4536.55 Kbytes
Page   16 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description System Basis Chip with CAN High Speed and LIN Interface

MC34905CS3EK/R2 Datasheet (HTML) - NXP Semiconductors


MC34905CS3EK/R2 Product details

The 34903/4/5 is the second generation family of the System Basis Chip (SBC). It combines several features and enhances present module designs. The device works as an advanced power management unit for the MCU with additional integrated circuits such as sensors and CAN transceivers. It has a built-in enhanced high-speed CAN interface (ISO11898-2 and -5) with local and bus failure diagnostics, protection, and fail-safe operation modes. The SBC may include zero or one LIN 2.1 interface with LIN output pin switches. It includes up to four wake-up input pins that can also be configured as output drivers for flexibility. This device is powered by SMARTMOS technology.
This device implements multiple Low-power (LP) modes, with very low-current consumption. In addition, the device is part of a family concept where pin compatibility adds versatility to module design.
The 34903/4/5 also implements an innovative and advanced fail-safe state machine and concept solution.

Features
•Voltage regulator for MCU, 5.0 or 3.3 V, part number selectable, with possibility of usage external PNP to extend current capability and share power dissipation
•Voltage, current, and temperature protection
•Extremely low quiescent current in LP modes
•Fully-protected embedded 5.0 V regulator for the CAN driver
•Multiple undervoltage detections to address various MCU specifications and system operation modes (i.e. cranking)
•Auxiliary 5.0 or 3.3 V SPI configurable regulator, for additional ICs, with overcurrent detection and undervoltage protection
•MUX output pin for device internal analog signal monitoring and power supply monitoring
•Advanced SPI, MCU, ECU power supply, and critical pins diagnostics and monitoring.
•Multiple wake-up sources in LP modes: CAN or LIN bus,
I/O transition, automatic timer, SPI message, and VDD overcurrent detection.
•ISO11898-5 high-speed CAN interface compatibility for baud rates of 40 kb/s to 1.0 Mb/s
•Scalable product family of devices ranging from 0 to 1 LIN, compatible to J2602-2 and LIN 2.1

Applications
•Industrial process control
•Automation
•Motor control
•RoboticsSYSTEM




Similar Part No. - MC34905CS3EK/R2

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
MC34905 MULTICOMP-MC34905 Datasheet
188Kb / 2P
2259A & 2257A Series 4.2mm Wire to Wire Dual Row Connectors
18/06/20 V1.0
More results


Similar Description - MC34905CS3EK/R2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UJA1061 PHILIPS-UJA1061 Datasheet
323Kb / 81P
Low speed CAN/LIN system basis chip
2004 Mar 22
UJA1065 PHILIPS-UJA1065 Datasheet
285Kb / 67P
High-speed CAN/LIN fail-safe system basis chip
Rev. 01-10 August 2005
logo
Freescale Semiconductor...
33904 FREESCALE-33904 Datasheet
2Mb / 91P
System Basis Chip Gen2 with High Speed CAN and LIN Interface
logo
NXP Semiconductors
UJA1065 NXP-UJA1065 Datasheet
470Kb / 76P
High-speed CAN/LIN fail-safe system basis chip
Rev. 07-25 February 2010
UJA1075 NXP-UJA1075 Datasheet
387Kb / 53P
High-speed CAN/LIN core system basis chip
Rev. 02-27 May 2010
UJA1078 NXP-UJA1078 Datasheet
389Kb / 53P
High-speed CAN/dual LIN core system basis chip
Rev. 02-27 May 2010
UJA1078ATW PHILIPS-UJA1078ATW Datasheet
394Kb / 54P
High-speed CAN/dual LIN core system basis chip
Rev. 2-28 January 2011
MC33907-MC33908D2 NXP-MC33907-MC33908D2 Datasheet
2Mb / 123P
Power system basis chip with high speed CAN and LIN transceivers
Rev. 5.0, 10/2016
UJA1075A NXP-UJA1075A Datasheet
393Kb / 54P
High-speed CAN/LIN core system basis chip
Rev. 02 ??28 January 2011
UJA1078A NXP-UJA1078A Datasheet
394Kb / 54P
High-speed CAN/dual LIN core system basis chip
Rev. 2-28 January 2011
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com