Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3260103 Datasheet (PDF) - PHOENIX CONTACT

3260103 Datasheet PDF - PHOENIX CONTACT
Part # 3260103
Download  3260103 Download
File Size   224.9 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description High-current terminal block - PTPOWER 95 BU

3260103 Datasheet (PDF)

Go To PDF Page Download Datasheet
3260103 Datasheet PDF - PHOENIX CONTACT

Part # 3260103
Download  3260103 Click to download

File Size   224.9 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description High-current terminal block - PTPOWER 95 BU

3260103 Datasheet (HTML) - PHOENIX CONTACT


3260103 Product details

High-current terminal block, nom. voltage: 1000 V AC / 1500 V DC, nominal current: 232 A, connection
method: Power-Turn connection, number of connections: 2, number of positions: 1, cross section: 25
mm² - 95 mm², AWG: 4 - 4/0, width: 25 mm, color: blue, mounting type: NS 35/15

Your advantages
Quick and easy connection is now also possible for large conductors with the high-current terminal block
The Push-in connection terminal blocks are characterized by the system features of the CLIPLINE complete system and by easy and tool-free
wiring of conductors with ferrules or solid conductors
The compact design enables wiring in a confined space
In addition to using the existing test connection, pick-off terminal blocks can be connected, each of which can also accommodate two test
cables
Tested for railway applications




Similar Part No. - 3260103

ManufacturerPart #DatasheetDescription
logo
Littelfuse
326010 LITTELFUSE-326010 Datasheet
43Kb / 1P
Axial Lead and Cartridge Fuses - Ceramic Body
326010 LITTELFUSE-326010 Datasheet
92Kb / 1P
3AB Slo-Blo Fuse 325/326 Series
logo
PHOENIX CONTACT
3260100 PHOENIX-3260100 Datasheet
64Kb / 6P
High-current terminal block - PTPOWER 95
3260106 PHOENIX-3260106 Datasheet
86Kb / 5P
Ground modular terminal block - PTPOWER 95-PE
3260109 PHOENIX-3260109 Datasheet
59Kb / 4P
High-current terminal block - PTPOWER 95-3L
More results


Similar Description - 3260103

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3215001 PHOENIX-3215001 Datasheet
61Kb / 5P
High-current terminal block - PTPOWER 150 BU
3260051 PHOENIX-3260051 Datasheet
83Kb / 5P
High-current terminal block - PTPOWER 50 BU
3260100 PHOENIX-3260100 Datasheet
64Kb / 6P
High-current terminal block - PTPOWER 95
3260109 PHOENIX-3260109 Datasheet
59Kb / 4P
High-current terminal block - PTPOWER 95-3L
3260139 PHOENIX-3260139 Datasheet
68Kb / 6P
High-current terminal block - PTPOWER 95-FE
3260163 PHOENIX-3260163 Datasheet
59Kb / 4P
High-current terminal block - PTPOWER 95 P
3260166 PHOENIX-3260166 Datasheet
59Kb / 4P
High-current terminal block - PTPOWER 95 P BU
3260133 PHOENIX-3260133 Datasheet
65Kb / 6P
High-current terminal block - PTPOWER 95-F
3260136 PHOENIX-3260136 Datasheet
60Kb / 4P
High-current terminal block - PTPOWER 95-F BU
3212065 PHOENIX-3212065 Datasheet
427Kb / 17P
High-current terminal block - PTPOWER 35 BU
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com