Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA38820 Datasheet (PDF) - Infineon Technologies AG

TDA38820 Datasheet PDF - Infineon Technologies AG
Part # TDA38820
Download  TDA38820 Download
File Size   2600.86 Kbytes
Page   49 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 20 A single-voltage synchronous Buck regulator

TDA38820 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA38820 Datasheet PDF - Infineon Technologies AG

Part # TDA38820
Download  TDA38820 Click to download

File Size   2600.86 Kbytes
Page   49 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 20 A single-voltage synchronous Buck regulator

TDA38820 Datasheet (HTML) - Infineon Technologies AG


TDA38820 Product details

Features
 Single 4.3 V to 17 V application or Wide Input Voltage Range from 2.0 V to 17 V with an External VCC
 Precision Reference Voltage (0.6 V +/- 0.5%)
 Enhanced Fast COT engine stable with Ceramic Output Capacitors and No External Compensation
 Optional Forced Continuous Conduction Mode and Diode Emulation for Enhanced Light Load Efficiency
 Programmable Switching Frequency from 600 kHz to 2 MHz
 Monotonic Start-Up with Four Selectable Soft-Start Time & Enhanced Pre-Bias Start-Up
 Thermally Compensated Internal Over Current Protection with Four Selectable Settings
 Enable input with Voltage Monitoring Capability & Power Good Output
 Thermal Shut Down
 Operating Temp: -40 °C < Tj < 125 °C
 Small Size: 4 mm x 5 mm PQFN
 Halogen-free and RoHS2 Compliant with Exemption 7a
Potential applications
 Server Applications
 Storage Applications
 Telecom & Datacom Applications
 Distributed Point of Load Power Architectures
Product validation
Qualified for industrial applications according to the relevant tests of JEDEC47/20/22
Description
The TDA38820 is an easy-to-use, fully integrated dc - dc Buck regulator. The onboard PWM controller and
OptiMOS™ FETs with integrated bootstrap diode make TDA38820 a small footprint solution, providing highefficient
power delivery. Furthermore, it uses a fast Constant On-Time (COT) control scheme, which simplifies the
design efforts and achieves fast control response.
The TDA38820 has an internal low dropout voltage regulator, allowing operations with a single supply. It can also
operate with an external bias supply, extending the operating input voltage (PVin) range from 2.0 V to 17 V.
The TDA38820 is a versatile regulator, offering programmable switching frequency from 600 kHz to 2 MHz, four
selectable current limits, four selectable soft-start time, Forced Continuous Conduction Mode (FCCM) and Diode
Emulation Mode (DEM) operation.
It also features important protection functions, such as pre-bias start-up, thermally compensated current limit,
over voltage and under voltage protection, and thermal shutdown to give required system level security in the
event of fault conditions.




Similar Part No. - TDA38820

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA38825 INFINEON-TDA38825 Datasheet
1Mb / 38P
20 A synchronous Buck regulator
V 2.0 2023-07-06
TDA38825XUMA1 INFINEON-TDA38825XUMA1 Datasheet
1Mb / 38P
20 A synchronous Buck regulator
V 2.0 2023-07-06
TDA38826 INFINEON-TDA38826 Datasheet
1Mb / 38P
20 A synchronous Buck regulator
V 2.0 2023-07-06
TDA38826XUMA1 INFINEON-TDA38826XUMA1 Datasheet
1Mb / 38P
20 A synchronous Buck regulator
V 2.0 2023-07-06
TDA38827 INFINEON-TDA38827 Datasheet
2Mb / 48P
25 A single-voltage synchronous Buck regulator
V2.3 2021-7-19
More results


Similar Description - TDA38820

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3846 IRF-IR3846 Datasheet
3Mb / 53P
Single-Input Voltage, Synchronous Buck Regulator
IR3891M IRF-IR3891M_15 Datasheet
1Mb / 51P
Single-Input Voltage, Synchronous Buck Regulator
IR3892M IRF-IR3892M_15 Datasheet
3Mb / 52P
Single-Input Voltage, Synchronous Buck Regulator
IR3894M IRF-IR3894M_15 Datasheet
2Mb / 45P
Single?륤nput Voltage, Synchronous Buck Regulator
IR3895M IRF-IR3895M_15 Datasheet
2Mb / 45P
Single?륤nput Voltage, Synchronous Buck Regulator
IR3897M IRF-IR3897M_15 Datasheet
2Mb / 47P
Single?륤nput Voltage, Synchronous Buck Regulator
logo
Infineon Technologies A...
IR3447A INFINEON-IR3447A Datasheet
1Mb / 40P
25 A single-voltage synchronous Buck regulator
V 2.4 2021-11-19
IR3823A INFINEON-IR3823A Datasheet
1Mb / 41P
3 A single-voltage synchronous Buck regulator
V 2.3 2021-07-30
IR3888A INFINEON-IR3888A Datasheet
2Mb / 43P
20 A/16 A single-voltage synchronous Buck regulator
V2.2 2021-7-20
TDA38827 INFINEON-TDA38827 Datasheet
2Mb / 48P
25 A single-voltage synchronous Buck regulator
V2.3 2021-7-19
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com