Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VBF4GE Datasheet (PDF) - Schneider Electric

VBF4GE Datasheet PDF - Schneider Electric
Part # VBF4GE
Download  VBF4GE Download
File Size   145.42 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description TeSys Vario enclosed, main switch disconnector, 63A, IP65

VBF4GE Datasheet (PDF)

Go To PDF Page Download Datasheet
VBF4GE Datasheet PDF - Schneider Electric

Part # VBF4GE
Download  VBF4GE Click to download

File Size   145.42 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description TeSys Vario enclosed, main switch disconnector, 63A, IP65

VBF4GE Datasheet (HTML) - Schneider Electric


VBF4GE Product details

Main
Range TeSys
Product name TeSys VARIO
Device short name VBF
Device Application Preventive maintenance
Product or Component Type Enclosed switch disconnector
Performance level High performance
Poles description 3P
Control Type Rotary handle
Handle colour Black
Handle front plate colour Black
Rotary handle padlocking 1 to 3 padlocks 0.16…0.31 in (4…8 mm)




Similar Part No. - VBF4GE

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VBF4GE SCHNEIDER-VBF4GE Datasheet
132Kb / 3P
TeSys Vario enclosed, main switch disconnector, 63A, IP65
Jul 12, 2021
More results


Similar Description - VBF4GE

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VCF4GE SCHNEIDER-VCF4GE Datasheet
117Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 63A, IP65
Jul 12, 2021
VBF4GE SCHNEIDER-VBF4GE Datasheet
132Kb / 3P
TeSys Vario enclosed, main switch disconnector, 63A, IP65
Jul 12, 2021
VBF3GE SCHNEIDER-VBF3GE Datasheet
132Kb / 3P
TeSys Vario enclosed, main switch disconnector, 50A, IP65
Jul 12, 2021
VBF2GE SCHNEIDER-VBF2GE Datasheet
124Kb / 3P
TeSys Vario enclosed, main switch disconnector, 32A, IP65
Jul 12, 2021
VBF02GE SCHNEIDER-VBF02GE Datasheet
124Kb / 3P
TeSys Vario enclosed, main switch disconnector, 10A, IP65
Jul 12, 2021
VBF1GE SCHNEIDER-VBF1GE Datasheet
124Kb / 3P
TeSys Vario enclosed, main switch disconnector, 25A, IP65
Jul 12, 2021
VBF01GE SCHNEIDER-VBF01GE_V01 Datasheet
137Kb / 3P
TeSys Vario enclosed, main switch disconnector, 16A, IP65
Jun 13, 2022
VBF0GE SCHNEIDER-VBF0GE_V01 Datasheet
137Kb / 3P
TeSys Vario enclosed, main switch disconnector, 20A, IP65
Jun 13, 2022
VBF3GE SCHNEIDER-VBF3GE_V01 Datasheet
145Kb / 3P
TeSys Vario enclosed, main switch disconnector, 50A, IP65
Jun 13, 2022
VCF4GE SCHNEIDER-VCF4GE_V01 Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 63A, IP65
Jun 13, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com